Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 144 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 144 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 140Page - Cypress Semiconductor MB9B360R Datasheet HTML 141Page - Cypress Semiconductor MB9B360R Datasheet HTML 142Page - Cypress Semiconductor MB9B360R Datasheet HTML 143Page - Cypress Semiconductor MB9B360R Datasheet HTML 144Page - Cypress Semiconductor MB9B360R Datasheet HTML 145Page - Cypress Semiconductor MB9B360R Datasheet HTML 146Page - Cypress Semiconductor MB9B360R Datasheet HTML 147Page - Cypress Semiconductor MB9B360R Datasheet HTML 148Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 144 of 166
MB9B360R Series
12.6 12-bit D/A Converter
Electrical Characteristics for the D/A Converter
(VCC = AVCC = 2.7Vto5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
DAx
-
-
12
bit
Integral
Nonlinearity*
INL
- 16
-
+ 16
LSB
Differential
Nonlinearity*
DNL
- 0.98
-
+ 1.5
LSB
Output voltage
offset
VOFF
-
-
10.0
mV
When setting
0x000
- 20.0
-
+ 1.4
mV
When setting
0xFFF
Analog output
impedance
RO
3.10
3.80
4.50
k
Ω
D/A operation
2.0
-
-
M
Ω
When D/A stop
Power supply
current*
IDDA
AVCC
260
330
410
μA
D/A 1unit operation
AVCC=3.3V
400
510
620
μA
D/A 1unit operation
AVCC=5.0V
IDSA
-
-
14
μA
When D/A stop
*: During no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com