Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 145 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 145 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 141Page - Cypress Semiconductor MB9B360R Datasheet HTML 142Page - Cypress Semiconductor MB9B360R Datasheet HTML 143Page - Cypress Semiconductor MB9B360R Datasheet HTML 144Page - Cypress Semiconductor MB9B360R Datasheet HTML 145Page - Cypress Semiconductor MB9B360R Datasheet HTML 146Page - Cypress Semiconductor MB9B360R Datasheet HTML 147Page - Cypress Semiconductor MB9B360R Datasheet HTML 148Page - Cypress Semiconductor MB9B360R Datasheet HTML 149Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 145 of 166
MB9B360R Series
12.7 USB Characteristics
(VCC = 2.7V to 5.5V, USBVCC = 3.0V to 3.6V, VSS = 0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input
chara
cter-i
stics
Input "H" level
voltage
VIH
UDP0,UDM0
-
2.0
USBVCC +
0.3
V
*1
Input "L" level
voltage
VIL
-
VSS - 0.3
0.8
V
*1
Differential
input
sensitivity
VDI
-
0.2
-
V
*2
Different
common mode
range
VCM
-
0.8
2.5
V
*2
Outp
ut
chara
cter-i
stics
Output "H"
level voltage
VOH
External
pull-down
resistance =
15kΩ
2.8
3.6
V
*3
Output "L"
level voltage
VOL
External pull-up
resistance =
1.5kΩ
0.0
0.3
V
*3
Crossover
voltage
VCRS
-
1.3
2.0
V
*4
Rising time
tFR
Full-Speed
4
20
ns
*5
Falling time
tFF
Full-Speed
4
20
ns
*5
Rising/falling
time matching
tFRFM
Full-Speed
90
111.11
%
*5
Output
impedance
ZDRV
Full-Speed
28
44
Ω
*6
Rising time
tLR
Low-Speed
75
300
ns
*7
Falling time
tLF
Low-Speed
75
300
ns
*7
Rising/falling
time matching
tLRFM
Low-Speed
80
125
%
*7
*1 : The switching threshold voltage of Single-End-Receiver of USB I/O buffer is set as within VIL (Max) = 0.8 V, VIH (Min) = 2.0 V
(TTL input standard).
There are some hysteresis to lower noise sensitivity.
*2 : Use differential-Receiver to receive USB differential data signal.
Differential-Receiver has 200 mV of differential input sensitivity when the differential data input is within 0.8 V to 2.5 V to the
local ground reference level.
Above voltage range is the common mode input voltage range.
Common mode input voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com