Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 149 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 149 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 145Page - Cypress Semiconductor MB9B360R Datasheet HTML 146Page - Cypress Semiconductor MB9B360R Datasheet HTML 147Page - Cypress Semiconductor MB9B360R Datasheet HTML 148Page - Cypress Semiconductor MB9B360R Datasheet HTML 149Page - Cypress Semiconductor MB9B360R Datasheet HTML 150Page - Cypress Semiconductor MB9B360R Datasheet HTML 151Page - Cypress Semiconductor MB9B360R Datasheet HTML 152Page - Cypress Semiconductor MB9B360R Datasheet HTML 153Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 149 of 166
MB9B360R Series
12.8 Low-Voltage Detection Characteristics
12.8.1
Low-Voltage Detection Reset
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected
voltage
VDL
-
2.25
2.45
2.65
V
When voltage
drops
Released
voltage
VDH
-
2.30
2.50
2.70
V
When voltage
rises
12.8.2
Interrupt of Low-Voltage Detection
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected
voltage
VDL
SVHI = 00111
2.58
2.8
3.02
V
When voltage
drops
Released
voltage
VDH
2.67
2.9
3.13
V
When voltage
rises
Detected
voltage
VDL
SVHI = 00100
2.76
3.0
3.24
V
When voltage
drops
Released
voltage
VDH
2.85
3.1
3.34
V
When voltage
rises
Detected
voltage
VDL
SVHI = 01100
2.94
3.2
3.45
V
When voltage
drops
Released
voltage
VDH
3.04
3.3
3.56
V
When voltage
rises
Detected
voltage
VDL
SVHI = 01111
3.31
3.6
3.88
V
When voltage
drops
Released
voltage
VDH
3.40
3.7
3.99
V
When voltage
rises
Detected
voltage
VDL
SVHI = 01110
3.40
3.7
3.99
V
When voltage
drops
Released
voltage
VDH
3.50
3.8
4.10
V
When voltage
rises
Detected
voltage
VDL
SVHI = 01001
3.68
4.0
4.32
V
When voltage
drops
Released
voltage
VDH
3.77
4.1
4.42
V
When voltage
rises
Detected
voltage
VDL
SVHI = 01000
3.77
4.1
4.42
V
When voltage
drops
Released
voltage
VDH
3.86
4.2
4.53
V
When voltage
rises
Detected
voltage
VDL
SVHI = 11000
3.86
4.2
4.53
V
When voltage
drops
Released
voltage
VDH
3.96
4.3
4.64
V
When voltage
rises
LVD
stabilization
wait time
TLVDW
-
-
-
4480×
tCYCP*
μs
*: tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com