Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 153 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 153 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 149Page - Cypress Semiconductor MB9B360R Datasheet HTML 150Page - Cypress Semiconductor MB9B360R Datasheet HTML 151Page - Cypress Semiconductor MB9B360R Datasheet HTML 152Page - Cypress Semiconductor MB9B360R Datasheet HTML 153Page - Cypress Semiconductor MB9B360R Datasheet HTML 154Page - Cypress Semiconductor MB9B360R Datasheet HTML 155Page - Cypress Semiconductor MB9B360R Datasheet HTML 156Page - Cypress Semiconductor MB9B360R Datasheet HTML 157Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 153 of 166
MB9B360R Series
12.11.2 Recovery cause: Reset
The time from reset release to the program operation start is shown.
Recovery count time
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Typ
Max*
Sleep mode
Trcnt
111
267
μs
High-speed CR Timer mode
Main Timer mode
PLL Timer mode
111
267
μs
Low-speed CR timer mode
258
569
μs
Sub timer mode
258
569
μs
RTC mode
stop mode
258
569
μs
Deep standby RTC mode with RAM retention
Deep standby stop mode with RAM retention
308
669
μs
without RAM
retention
μs
with RAM
retention
*
: The maximum value depends on the built-in CR accuracy.
Example of standby recovery operation (when in INITX recovery)
INITX
Trcnt
Internal RST
CPU
Operation
Start
RST Active
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com