Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 150 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 150 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 146Page - Cypress Semiconductor MB9B360R Datasheet HTML 147Page - Cypress Semiconductor MB9B360R Datasheet HTML 148Page - Cypress Semiconductor MB9B360R Datasheet HTML 149Page - Cypress Semiconductor MB9B360R Datasheet HTML 150Page - Cypress Semiconductor MB9B360R Datasheet HTML 151Page - Cypress Semiconductor MB9B360R Datasheet HTML 152Page - Cypress Semiconductor MB9B360R Datasheet HTML 153Page - Cypress Semiconductor MB9B360R Datasheet HTML 154Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 150 of 166
MB9B360R Series
12.9 MainFlash Memory Write/Erase Characteristics
(VCC = 2.7V to 5.5V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
Large Sector
-
0.7
3.7
s
Includes write time prior to internal erase
Small Sector
0.3
1.1
Half word (16-bit)
write time
Write cycles
< 100 times
-
12
100
μs
Not including system-level overhead time
Write cycles >
100 times
200
Chip erase time
-
13.6
68
s
Includes write time prior to internal erase
Write cycles and data hold time
Erase/Write cycles (cycle)
Data hold time (year)
1,000
20 *
10,000
10 *
100,000
5 *
* : This value comes from the technology qualification (using Arrhenius equation to translate high temperature acceleration test
result into average temperature value at + 85°C) .
12.10WorkFlash Memory Write/Erase Characteristics
(VCC = 2.7V to 5.5V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.3
1.5
s
Includes write time prior to internal erase
Half word (16-bit)
write time
-
20
200
μs
Not including system-level overhead time
Chip erase time
-
1.2
6
s
Includes write time prior to internal erase
Write cycles and data hold time
Erase/Write cycles (cycle)
Data hold time (year)
1,000
20 *
10,000
10 *
100,000
5 *
* : This value comes from the technology qualification (using Arrhenius equation to translate high temperature acceleration test
result into average temperature value at + 85°C) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com