Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 156 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 156 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 152Page - Cypress Semiconductor MB9B360R Datasheet HTML 153Page - Cypress Semiconductor MB9B360R Datasheet HTML 154Page - Cypress Semiconductor MB9B360R Datasheet HTML 155Page - Cypress Semiconductor MB9B360R Datasheet HTML 156Page - Cypress Semiconductor MB9B360R Datasheet HTML 157Page - Cypress Semiconductor MB9B360R Datasheet HTML 158Page - Cypress Semiconductor MB9B360R Datasheet HTML 159Page - Cypress Semiconductor MB9B360R Datasheet HTML 160Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 156 of 166
MB9B360R Series
14. Package Dimensions
120-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
16.0 mm × 16.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm Max
Weight
0.88 g
Code
(Reference)
P-LFQFP120-16 × 16-0.50
120-pin plastic LQFP
(FPT-120P-M37)
(FPT-120P-M37)
C
2010 FUJITSU SEMICONDUCTOR LIMITED F120037Sc(1)-1-1
16.00 ± 0.10(.630 ± .004) SQ
18.00 ± 0.20(.709 ± .008) SQ
1
30
31
61
91
60
90
120
0.50(.020)
0.22 ± 0.05
(.009 ± .002)
M
0.08(.003)
(
)
0.08(.003)
"A"
INDEX
.059 –.004
+.008
–0.10
+0.20
1.50
(Mounting height)
0˚~8˚
(.024 ± .006)
0.60 ± 0.15
0.25(.010)
0.10 ± 0.05
(.004 ± .002)
Details of "A" part
(Stand off)
*
LEAD No.
–0.03
+0.05
0.145
–.001
+.002
.006
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com