Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 155 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 155 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 151Page - Cypress Semiconductor MB9B360R Datasheet HTML 152Page - Cypress Semiconductor MB9B360R Datasheet HTML 153Page - Cypress Semiconductor MB9B360R Datasheet HTML 154Page - Cypress Semiconductor MB9B360R Datasheet HTML 155Page - Cypress Semiconductor MB9B360R Datasheet HTML 156Page - Cypress Semiconductor MB9B360R Datasheet HTML 157Page - Cypress Semiconductor MB9B360R Datasheet HTML 158Page - Cypress Semiconductor MB9B360R Datasheet HTML 159Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 155 of 166
MB9B360R Series
13. Ordering Information
Part number
Package
MB9BF368MPMC
Plastic・LQFP (0.5mm pitch), 80 pin
(FPT-80P-M37)
MB9BF367MPMC
MB9BF366MPMC
MB9BF368MPMC1
Plastic・LQFP (0.65mm pitch), 80 pin
(FPT-80P-M40)
MB9BF367MPMC1
MB9BF366MPMC1
MB9BF368NPMC
Plastic・LQFP (0.5mm pitch), 100 pin
(FPT-100P-M23)
MB9BF367NPMC
MB9BF366NPMC
MB9BF368RPMC
Plastic・LQFP (0.5mm pitch), 120 pin
(FPT-120P-M37)
MB9BF367RPMC
MB9BF366RPMC
MB9BF368NBGL
Plastic・PFBGA (0.5mm pitch), 112 pin
(BGA-112P-M05)
MB9BF367NBGL
MB9BF366NBGL
MB9BF368RBGL
Plastic・PFBGA (0.5mm pitch), 144 pin
(BGA-144P-M09)
MB9BF367RBGL
MB9BF366RBGL
MB9BF368NPQC
Plastic・QFP (0.65mm pitch), 100 pin
(FPT-100P-M36)
MB9BF367NPQC
MB9BF366NPQC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com