Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 157 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 157 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 153Page - Cypress Semiconductor MB9B360R Datasheet HTML 154Page - Cypress Semiconductor MB9B360R Datasheet HTML 155Page - Cypress Semiconductor MB9B360R Datasheet HTML 156Page - Cypress Semiconductor MB9B360R Datasheet HTML 157Page - Cypress Semiconductor MB9B360R Datasheet HTML 158Page - Cypress Semiconductor MB9B360R Datasheet HTML 159Page - Cypress Semiconductor MB9B360R Datasheet HTML 160Page - Cypress Semiconductor MB9B360R Datasheet HTML 161Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 157 of 166
MB9B360R Series
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
14.00 mm × 14.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.65 g
100-pin plastic LQFP
(FPT-100P-M23)
(FPT-100P-M23)
C
2009-2010 FUJITSU SEMICONDUCTOR LIMITED F100034S-c-3-4
16.00±0.20(.630±.008)SQ
1
25
51
76
75
100
0.50(.020)
0.22±0.05
M
0.08(.003)
*14.00±0.10(.551±.004)SQ
26
50
0.145±0.055
(.006±.002)
0.08(.003)
"A"
INDEX
0°~8°
0.50±0.20
0.10±0.10
(Stand off)
+.008
+0.20
(Mounting height)
- 0.10
1.50
.059 -.004
(
)
0.60±0.15
0.25(.010)
Dimensions in mm (inches).
Note:The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Details of "A" part
(.004±.004)
(.009±.002)
(.020±.008)
(.024±.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com