Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 224 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 224 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 220Page - National Semiconductor (TI) PC87413 Datasheet HTML 221Page - National Semiconductor (TI) PC87413 Datasheet HTML 222Page - National Semiconductor (TI) PC87413 Datasheet HTML 223Page - National Semiconductor (TI) PC87413 Datasheet HTML 224Page - National Semiconductor (TI) PC87413 Datasheet HTML 225Page - National Semiconductor (TI) PC87413 Datasheet HTML 226Page - National Semiconductor (TI) PC87413 Datasheet HTML 227Page - National Semiconductor (TI) PC87413 Datasheet HTML 228Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
www.national.com
224
Revision1.2
Table 63. Parallel Port Bitmap Summary for Second Level Offset
Register
Bits
Second
Level
Offset
Mnemonic
76543210
00h
Control0
Reserved
DCR
Register
Live
Freeze Bit
Reserved
EPP Time-
out
Interrupt
Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
Reserved
Revision
1.7 or 1.9
Select
Reserved
04h
Control4
Reserved
PP DMA Request Inactive Time
Reserved
PP DMA Request Active Time
05h
PP Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE
Internal
Pull-up or
Pull-down
ECP DMA Channel
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com