Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 47Page - National Semiconductor (TI) PC87413 Datasheet HTML 48Page - National Semiconductor (TI) PC87413 Datasheet HTML 49Page - National Semiconductor (TI) PC87413 Datasheet HTML 50Page - National Semiconductor (TI) PC87413 Datasheet HTML 51Page - National Semiconductor (TI) PC87413 Datasheet HTML 52Page - National Semiconductor (TI) PC87413 Datasheet HTML 53Page - National Semiconductor (TI) PC87413 Datasheet HTML 54Page - National Semiconductor (TI) PC87413 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
51
www.national.com
3.7.4
ServerI/O Configuration 3 Register (SIOCF3)
Power Well:VSB
Location:Index 23h
Type:
R/W or RO
Bit
76
5
4
3210
Name
EXTSTMUX
SCIMUX
SMIMUX
PWBTOMUX PWBTIMUX SLBTIMUX
LED2MUX
LED1MUX
Reset
EXT_ST
_SELECT1
1. The reset value is the same as the value set to the EXT_ST_SELECT bit in the SLP_ST_CFG register (see
Section 9.3.31 on page 200).
0
0
0
0000
Bit
Description
7
EXTSTMUX (External PM State Multiplex Control). Selects the function connected to pins 52 and 53.
0: GPIOE46, GPIOE47 ports - GPIO (internally, SLPS3 and SLPS5 are both set to 1; not in S3-S5 states)
1: SLPS3, SLPS5 - SWC
6
SCIMUX (SIOSCI Multiplex Control). Selects the function connected to pin 38.
0: GPIO52 port - GPIO (default)
1: SIOSCI - SWC
5
SMIMUX (SIOSMI Multiplex Control). Selects the function connected to pin 37.
0: GPIO51 port - GPIO (default)
1: SIOSMI - SWC
4
PWBTOMUX (PWBTOUT Multiplex Control). Selects the function connected to pin 49.
0: PWBTOUT - SWC (default)
1: GPIOE43 port - GPIO
3
PWBTIMUX (PWBTIN Multiplex Control). Selects the function connected to pin 36.
0: PWBTIN - SWC (default)
1: GPIO50 port - GPIO (internally, PWBTIN is set to 1; Power button not active)
2
SLBTIMUX (SLBTIN Multiplex Control). Selects the function connected to pin 35.
0: GPIOE42 port - GPIO (default; internally, SLBTIN is set to 1; Sleep button not active)
1: SLBTIN - SWC
1
LED2MUX (LED2 Multiplex Control). Selects the function connected to pin 51.
0: GPIOE45 port - GPIO (default)
1: LED2 - SWC
0
LED1MUX (LED1 Multiplex Control). Selects the function connected to pin 50.
0: GPIOE44 port - GPIO (default)
1: LED1 - SWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com