Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 91Page - National Semiconductor (TI) PC87413 Datasheet HTML 92Page - National Semiconductor (TI) PC87413 Datasheet HTML 93Page - National Semiconductor (TI) PC87413 Datasheet HTML 94Page - National Semiconductor (TI) PC87413 Datasheet HTML 95Page - National Semiconductor (TI) PC87413 Datasheet HTML 96Page - National Semiconductor (TI) PC87413 Datasheet HTML 97Page - National Semiconductor (TI) PC87413 Datasheet HTML 98Page - National Semiconductor (TI) PC87413 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
95
www.national.com
5.2.4
Indirect Memory Read and Write Transactions
I/O mapped registers accessed through an LPC I/O transaction may be used to perform an X-Bus memory transaction. This
mechanism uses the following X-Bus Extension module registers:
q
Four Indirect Memory Address registers (XIMA3-0), representing address bits 31 to 0.
q
One Indirect Memory Data register (XIMD), representing data bits 7 to 0.
q
Four enable bits, one for each Select Configuration register, XZCNF0, XZCNF1, XZCNF2 and XZCNF3.
Following an LPC I/O write to the XIMD register, a Memory write cycle is initiated on the X-Bus using the addresses from
the previously written XIMA3-0 registers and data from the XIMD register. Following an LPC I/O read from the XIMD register,
a Memory read cycle is initiated on the X-Bus using the address from the XIMA3-0 registers. The returned data from the X-
Bus cycle is used to finish the read cycle from the XIMD register.
Indirect memory transactions may be enabled for one chip-select signal only. If more than one enable bit in the Select Con-
figuration registers is set, the indirect memory access will be available only for the XCSn with the highest priority. The setting
of the enable bit for the chip selects with lower priority will be ignored. XCS0 has the highest priority and XCS3 has the lowest
priority.
5.2.5
Mode 0, Normal Address X-Bus Transactions
The read and write transactions in Normal Address mode are similar to those used in the X-Bus or ISA bus. At least two idle
cycles are inserted at the end of each X-Bus transaction cycle before the next transaction starts (there may be more idle
cycles due to the LPC transactions). This mode is selected for transactions accessing XCSn by setting TRANSMD = 0 in the
corresponding XZMn register.
Read Transactions. When a read cycle on the LPC falls within an enabled decoded address range of the X-Bus functional
block (or an indirect read is started or an X-Bus read through the ACCESS.bus is started) and the relevant XCSn is set to
mode 0, a Mode 0 read cycle begins. A read cycle (see Figure 15) starts by outputting the address on address signals XA11-
0 on the rising edge of the clock. During this time, the PC8741x device does not drive the data bus signals XD7-0. One CLK
cycle later, a chip-select signal XCSn is asserted, where n is a chip-select number from 0 to 3, based on the address ac-
cessed and the select signal mapping. Three CLK cycles later, on the rising edge of the clock, the XRD signal is asserted
(set low), indicating a read cycle and enabling the accessed device to drive the data bus. After 16 CLK cycles plus the inter-
nally programmed wait state period, if XRDY use is enabled for this zone, its value is then sampled on the rising edge of the
clock. The transaction is extended until XRDY is detected to be high. Four CLK cycles later, the input data XD7-0 is sampled
on the rising edge of the clock. One CLK cycle later, XRD is de-asserted (set high) and one CLK cycle after that, the trans-
action is completed by de-asserting XCSn. The address is retained for two more CLK cycles after which the address lines
are driven to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com