Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 51Page - National Semiconductor (TI) PC87413 Datasheet HTML 52Page - National Semiconductor (TI) PC87413 Datasheet HTML 53Page - National Semiconductor (TI) PC87413 Datasheet HTML 54Page - National Semiconductor (TI) PC87413 Datasheet HTML 55Page - National Semiconductor (TI) PC87413 Datasheet HTML 56Page - National Semiconductor (TI) PC87413 Datasheet HTML 57Page - National Semiconductor (TI) PC87413 Datasheet HTML 58Page - National Semiconductor (TI) PC87413 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
55
www.national.com
3.7.8
ServerI/O Revision ID Register (SRID)
This register contains the ID number of the specific family member (Chip ID) and the chip revision number (Chip Rev).
Power Well:VSB
Location:Index 27h
Type:
RO
3.7.9
ServerI/O Configuration 8 Register (SIOCF8)
Power Well:VSB
Location:Index 28h
Type:
R/W
Bit
76543210
Name
Chip ID (N/A)
Chip Rev
Reset
XXXXXXXX
Bit
Description
7-5
Chip ID (N/A). These bits identify a specific device of a family. Note: Not applicable for the PC8741x family
4-0
Chip Rev. These bits identify the device revision. The value is incremented on each revision.
Bit
76
5
43210
Name
Reserved
MIRQ2SMI
KIRQ2SMI KBCP12SMI GPIO2SMI
Reserved
Reset
0
0
0
00000
Bit
Description
7-5
Reserved.
4
MIRQ2SMI (Mouse IRQ to SMI Enable). Controls the routing of the Mouse interrupt to the SIOSMI pin.
0: Disabled (default)
1: Enabled
3
KIRQ2SMI (Keyboard IRQ to SMI Enable). Controls the routing of the Keyboard interrupt to the SIOSMI pin.
0: Disabled (default)
1: Enabled
2
KBCP12SMI (KBC P12 to SMI Enable). Controls the routing of the P12 port of the KBC to the SIOSMI pin.
0: Disabled (default)
1: Enabled
1
GPIO2SMI (GPIO IRQ to SMI Enable). Controls the routing of the GPIO event (see Section 7.3.2 on page 138)
to the SIOSMI pin.
0: Disabled (default)
1: Enabled
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com