Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 9Page - National Semiconductor (TI) PC87413 Datasheet HTML 10Page - National Semiconductor (TI) PC87413 Datasheet HTML 11Page - National Semiconductor (TI) PC87413 Datasheet HTML 12Page - National Semiconductor (TI) PC87413 Datasheet HTML 13Page - National Semiconductor (TI) PC87413 Datasheet HTML 14Page - National Semiconductor (TI) PC87413 Datasheet HTML 15Page - National Semiconductor (TI) PC87413 Datasheet HTML 16Page - National Semiconductor (TI) PC87413 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 257 page
background image
Table of Contents (Continued)
Revision 1.2
13
www.national.com
9.3.2
Wake-Up Event Select Register (WK_EVT_SEL) ..................................................... 178
9.3.3
Wake-Up State Enable Register (WK_ST_EN) ......................................................... 180
9.3.4
GPE1_STS Events to IRQ Enable Low Register (GPE1_2IRQ_LOW) ..................... 181
9.3.5
GPE1_STS Events to IRQ Enable High Register (GPE1_2IRQ_HIGH) ................... 182
9.3.6
GPE1_STS Events to SMI Enable Low Register (GPE1_2SMI_LOW) ..................... 183
9.3.7
GPE1_STS Events to SMI Enable High Register (GPE1_2SMI_HIGH) ................... 184
9.3.8
SWC Fast Disable Register (SWCFDIS) ................................................................... 185
9.3.9
SWC TRI-STATE Register (SWCTRIS) .................................................................... 186
9.3.10
SWC Miscellaneous Control Register (SWC_CTL) ................................................... 187
9.3.11
Power On Control Register (PWONCTL) .................................................................. 188
9.3.12
LED Control Register (LEDCTL) ............................................................................... 190
9.3.13
LED Blink Control Register (LEDBLNK) .................................................................... 191
9.3.14
BIOS General-Purpose Scratch Register (BIOSGPR) .............................................. 191
9.3.15
Bank Select Register (BANKSEL) ............................................................................. 192
9.3.16
Keyboard Wake-Up Control Register (KBDWKCTL) ................................................. 193
9.3.17
PS2 Protocol Control Register (PS2CTL) .................................................................. 194
9.3.18
Keyboard Data Shift Register (KDSR) ....................................................................... 195
9.3.19
Mouse Data Shift Register (MDSR) ........................................................................... 195
9.3.20
PS2 Keyboard Key Data 0 to 7 Registers (PS2KEY0 to PS2KEY7) ......................... 195
9.3.21
VDD Active Timer 0 Register (VDD_ON_TMR_0) .................................................... 196
9.3.22
VDD Active Timer 1 Register (VDD_ON_TMR_1) .................................................... 196
9.3.23
VDD Active Timer 2 Register (VDD_ON_TMR_2) .................................................... 196
9.3.24
VDD Active Timer 3 Register (VDD_ON_TMR_3) .................................................... 197
9.3.25
VSB Active Timer 0 Register (VSB_ON_TMR_0) ..................................................... 197
9.3.26
VSB Active Timer 1 Register (VSB_ON_TMR_1) ..................................................... 197
9.3.27
VSB Active Timer 2 Register (VSB_ON_TMR_2) ..................................................... 198
9.3.28
VSB Active Timer 3 Register (VSB_ON_TMR_3) ..................................................... 198
9.3.29
Power Active Timers Control Register (PWTMRCTL) ............................................... 199
9.3.30
S0 to S5 Sleep Type Encoding Registers (S0_SLP_TYP to S5_SLP_TYP) ............. 199
9.3.31
Sleep State Configuration Register (SLP_ST_CFG) ................................................. 200
9.3.32
ACPI Configuration Register (ACPI_CFG) ................................................................ 201
9.3.33
Watchdog Control Register (WDCTL) ....................................................................... 202
9.3.34
Watchdog Time-Out Register (WDTO) ...................................................................... 202
9.3.35
Watchdog Configuration Register (WDCFG) ............................................................. 203
9.4
ACPI REGISTERS ................................................................................................................... 204
9.4.1
ACPI Register Map .................................................................................................... 204
9.4.2
PM1 Status Low Register (PM1b_STS_LOW) .......................................................... 205
9.4.3
PM1 Status High Register (PM1b_STS_HIGH) ........................................................ 205
9.4.4
PM1 Enable Low Register (PM1b_EN_LOW) ........................................................... 206
9.4.5
PM1 Enable High Register (PM1b_EN_HIGH) ......................................................... 207
9.4.6
PM1 Control Low Register (PM1b_CNT_LOW) ........................................................ 208
9.4.7
PM1 Control High Register (PM1b_CNT_HIGH) ....................................................... 208
9.4.8
General-Purpose Status 1 Register 0 (GPE1_STS_0) .............................................. 209
9.4.9
General-Purpose Status 1 Register 1 (GPE1_STS_1) .............................................. 209
9.4.10
General-Purpose Status 1 Register 2 (GPE1_STS_2) .............................................. 210
9.4.11
General-Purpose Status 1 Register 3 (GPE1_STS_3) .............................................. 211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com