Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 92Page - National Semiconductor (TI) PC87413 Datasheet HTML 93Page - National Semiconductor (TI) PC87413 Datasheet HTML 94Page - National Semiconductor (TI) PC87413 Datasheet HTML 95Page - National Semiconductor (TI) PC87413 Datasheet HTML 96Page - National Semiconductor (TI) PC87413 Datasheet HTML 97Page - National Semiconductor (TI) PC87413 Datasheet HTML 98Page - National Semiconductor (TI) PC87413 Datasheet HTML 99Page - National Semiconductor (TI) PC87413 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
96
Revision1.2
Figure 15. Mode 0, Normal Address X-Bus Transaction - Read Access Cycle
Write Transactions. When a write cycle on the LPC falls within any of the enabled decoded address ranges of the X-Bus
functional block (or an indirect write is started or an X-Bus write through the ACCESS.bus is started) and the relevant XCSn
is set to mode 0, a Mode 0 write cycle begins. A write cycle (see Figure 16) starts by outputting the address on address
signals XA11-0 and the data signals on data pins XD7-0 on the rising edge of the clock. One CLK cycle later, a chip-select
signal XCSn is asserted, where n is a chip-select number from 0 to 3, based on the address accessed and the select signal
mapping. Three CLK cycles later, on the rising edge of the clock, the XWR signal is asserted (set low), indicating a write
cycle and enabling the accessed device to be written. After 16 CLK cycles plus the internally programmed wait state period,
if XRDY use is enabled for this zone, its value is then sampled on the rising edge of the clock. The transaction is extended
until XRDY is detected to be high. Five CLK cycles later, XWR is de-asserted (set high) and one CLK cycle later, the trans-
action is completed by de-asserting XCSn and floating the data bus signals XD7-0. Two CLK cycles later, the address lines
are driven to 0.
CLK
(Internal; for
XD7-0
XA11-0
XCSn
XWR_XRW
Insert: 12 + “Programmed Wait States” CLK cycles here.
XRD_XEN
XRDY
XD7-0 (Data In)
(Data Read)
Reference Only)
During this time, non-clock signals do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com