Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 89Page - National Semiconductor (TI) PC87413 Datasheet HTML 90Page - National Semiconductor (TI) PC87413 Datasheet HTML 91Page - National Semiconductor (TI) PC87413 Datasheet HTML 92Page - National Semiconductor (TI) PC87413 Datasheet HTML 93Page - National Semiconductor (TI) PC87413 Datasheet HTML 94Page - National Semiconductor (TI) PC87413 Datasheet HTML 95Page - National Semiconductor (TI) PC87413 Datasheet HTML 96Page - National Semiconductor (TI) PC87413 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
93
www.national.com
There are two X-Bus address modes:
q
Normal Address mode - A signal is assigned for each address line (only XA11-XA0 are available at the device pins)
and a non-multiplexed address data bus is used. In this mode, only address signals 0 through 11 are generated.
q
Latched Address mode - The number of pins used for outputting the address is reduced. The address lines are mul-
tiplexed with the data bus. External latches may be used to generate address signals from the multiplexed bus. These
address signals are required to access memory and I/O devices. In this mode address, signals 0 through 27 are gen-
erated, allowing access to memory in excess of 1 Mbyte.
There are two X-Bus transaction modes:
q
Mode 0 - The X-Bus transactions are ISA-like, using separate read and write signals. XWR_XRW functions as the
write signal (XWR); XRD_XEN functions as the read signal (XRD). The following speed levels are available for
Mode 0, X-Bus transactions:
— Normal
— Fast
— Turbo
q
Mode 1 - The X-Bus transactions are read/write and enable controlled transactions, using XWR_XRW as the read
and write signal (XRW) and XRD_XEN as the enable signal (XEN). When XWR_XRW is high, it identifies a read
transaction; when low, it identifies a write transaction.
5.2.1
Transaction Clock
X-Bus access timing is referenced to an internal clock referred to as CLK or “the clock”. Transactions are described in terms
of this clock and the AC specifications are also defined relative to it. This provides an easy way for calculating the timing
during system design. Note that the system interface is optimized for an asynchronous interface. For hints on how to use the
asynchronous interface, refer to the usage hints in Section 5.5 on page 115.
X-Bus Clock:
q
For transactions triggered by the LPC bus, the clock is an internal version of the LPC clock (i.e., it has the same fre-
quency but may have some phase delay).
q
For transactions driven by the ACCESS.bus (PC87417), the clock is the Standby clock as defined in Section 2.3.1 on
page 36.
5.2.2
Programmable Range Chip Select
The PC8741x has four chip-select signals (XCS3-0) to control the X-Bus accesses to off-chip devices. The PC8741x X-Bus
functional block enables flexible association of these chip selects with I/O and memory address ranges in the LPC address
space. The Zone Mapping field of the X-Bus Select Configuration registers defines the decoded address range(s) to which
the specific XCSn signal responds. In addition, the X-Bus Configuration register enables specifying the access time for each
select signal via bits that control the fixed wait and variable wait cycles (using the XRDY input).
If the chip-select signal setting results in a conflict in which one or more selects are configured for the same zone, XCS0 has
the highest priority and XCS3 has the lowest. The XCSn signal with the lower priority remain inactive and their Select Con-
figuration register setting is ignored. For zones that are not associated with one of the chip-select signals, the X-Bus does
not respond to LPC transactions.
In addition, X-Bus transactions may be generated in response to a request from the ACCESS.bus (PC87417). In such a
case, the target select signal (XCS3) and the offset address are specified in the ACCESS.bus protocol. See Section 6.2.9
on page 121 for the specification of ACCESS.bus operation.
5.2.3
LPC and FWH Address-to-X-Bus Address Translation
The BIOS memory on the LPC bus can occupy one of three regions in the memory space (see Table 28 on page 76). Ad-
dress translation between the LPC bus address and the X-Bus is performed as follows:
I/O Transactions. The 16-bit address received from the LPC bus is used to decode the different I/O zones described in
Section 3.15.2 on page 75. The address is then left-padded with zeroes (address lines 16 through 27) to create the 28-line
input address to the X-Bus Extension functional block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com