Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 46Page - National Semiconductor (TI) PC87413 Datasheet HTML 47Page - National Semiconductor (TI) PC87413 Datasheet HTML 48Page - National Semiconductor (TI) PC87413 Datasheet HTML 49Page - National Semiconductor (TI) PC87413 Datasheet HTML 50Page - National Semiconductor (TI) PC87413 Datasheet HTML 51Page - National Semiconductor (TI) PC87413 Datasheet HTML 52Page - National Semiconductor (TI) PC87413 Datasheet HTML 53Page - National Semiconductor (TI) PC87413 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
50
Revision1.2
3.7.3
ServerI/O Configuration 2 Register (SIOCF2)
Power Well:VSB
Location:Index 22h
Type:
R/W or RO
1
R/W
HSWRST (Host Software Reset). When set to 1, this bit triggers the Host Software reset sequence
(see Section 2.2.6 on page 35), after which it returns to 0. Read always returns 0. This bit is not
influenced by the value of LOCKMCF.
0: Inactive (default)
1: Trigger the Host Software reset sequence
0
R/W or
RO
GLOBEN (Global Device Enable). When set to 1, this bit allows the operation of all the logical devices
of the PC8741x device (see Table 9 on page 39). The behavior of the different devices is explained in
Section 3.3. When cleared, this bit forces all logical devices to be disabled simultaneously by writing to
a single bit.
0: All logical devices in the PC8741x device are forced to be disabled and their resources are released
1: Each logical device may be enabled; see Section 3.3.1 on page 43 (default)
Bit
76
5
43210
Name
WDOMUX
Reserved
NOKBC
VDDFLMUX
P17MUX
P16MUX
P12MUX
CLKRNMUX
Reset
0
0
1
00000
Bit
Description
7
WDOMUX (Watchdog Out Multiplex Control). Selects the function connected to pin 55.
0: GPO64 port - GPIO (default)
1: WDO - SWC
6
Reserved.
5
NOKBC (Keyboard and Mouse Multiplex Control). Selects the function connected to pins 125-128.
0: GPIO01-GPIO04 ports - GPIO
1: KBCLK, KBDAT, MCLK, MDAT - KBC (default)
4
VDDFLMUX (VDDFELL Multiplex Control). Selects the function connected to pin 54.
0: GPIO54 - GPIO (default)
1: VDDFELL - SWC
3
P17MUX (P17 Multiplex Control). Selects the function connected to pin 66.
0: MTR1 - FDC (default)
1: P17 port - KBC
2
P16MUX (P16 Multiplex Control). Selects the function connected to pin 70.
0: DR1 - FDC (default)
1: P16 port - KBC
1
P12MUX (P12 Multiplex Control). Selects the function connected to pin 121.
0: PPDIS - Parallel Port (default)1
1: P12 port - KBC (internally, PPDIS is set to 0; Parallel Port enabled)
1. If this feature is not used, either select the P12 port or connect an external 3.3 K
Ω pull-down resistor to pin 121.
If the function connected to the pin is PPDIS and the pin is left unconnected, the output signals of the par-
allel port will float.
0
CLKRNMUX (CLKRUN Multiplex Control). Selects the function connected to pin 124.
0: GPIO00 port - GPIO (default)
1: CLKRUN - LPC Interface
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com