Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 54Page - National Semiconductor (TI) PC87413 Datasheet HTML 55Page - National Semiconductor (TI) PC87413 Datasheet HTML 56Page - National Semiconductor (TI) PC87413 Datasheet HTML 57Page - National Semiconductor (TI) PC87413 Datasheet HTML 58Page - National Semiconductor (TI) PC87413 Datasheet HTML 59Page - National Semiconductor (TI) PC87413 Datasheet HTML 60Page - National Semiconductor (TI) PC87413 Datasheet HTML 61Page - National Semiconductor (TI) PC87413 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
58
Revision1.2
3.8
FLOPPY DISK CONTROLLER (FDC) CONFIGURATION
3.8.1
General Description
The generic FDC is a standard FDC with a digital data separator and is DP8473 and N82077 software compatible. The
PC8741x FDC supports 14 of the 17 standard FDC signals described in the generic Floppy Disk Controller (FDC) chapter,
including (see Section 10.1 on page 220):
• FM and MFM modes are supported. To select either mode, set bit 6 of the first command byte when writing to/reading
from a diskette, where:
0 = FM mode
1 = MFM mode
• A logic 1 is returned during LPC I/O read cycles by all register bits reflecting the state of floating (TRI-STATE) FDC pins.
Exceptions to standard FDC are:
• Automatic media sense using the MSEN1 signal is not supported
• DRATE1 is not supported.
The FDC functional block registers are shown in Section 10.1 on page 220. All these registers are VDD powered.
3.8.2
Logical Device 0 (FDC) Configuration
Table 17 lists the configuration registers that affect the FDC. Only the last two registers (F0h and F1h) are described here.
See Section 3.2.3 on page 40 for descriptions of the other configuration registers. All these registers are VDD powered.
Table 17. FDC Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.3.1 on page 43).
R/W
VDD
00h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
VDD
03h
61h
Base Address LSB register. Bits 2 and 0 (for A2 and A0) are read only, 00b.
R/W
VDD
F2h
70h
Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
06h
71h
Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
VDD
03h
74h
DMA Channel Select.
R/W
VDD
02h
75h
Report no second DMA assignment.
RO
VDD
04h
F0h
FDC Configuration register.
R/W
VDD
24h
F1h
Drive ID register.
R/W
VDD
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com