Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 68Page - National Semiconductor (TI) PC87413 Datasheet HTML 69Page - National Semiconductor (TI) PC87413 Datasheet HTML 70Page - National Semiconductor (TI) PC87413 Datasheet HTML 71Page - National Semiconductor (TI) PC87413 Datasheet HTML 72Page - National Semiconductor (TI) PC87413 Datasheet HTML 73Page - National Semiconductor (TI) PC87413 Datasheet HTML 74Page - National Semiconductor (TI) PC87413 Datasheet HTML 75Page - National Semiconductor (TI) PC87413 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
72
Revision1.2
3.14.3
GPIO Pin Select Register (GPSEL)
This register selects the GPIO pin (port number and bit number) to be configured (i.e., which register is accessed via the
GPIO configuration registers). Since access to the pin configuration requires two transactions (first to GPSEL, then to the
configuration register) and since the LPC bus and ACCESS.bus concurrently access the module (PC87413 and PC87417),
the GPSEL register is duplicated (one GPSEL register is accessed by the host and one by the ACCESS.bus). This register
is reset by hardware to 00h.
Power Well:VSB
Location:Index F0h
Type:
R/W
3.14.4
GPIO Pin Configuration Register 1 (GPCFG1)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register. All the GPIO
Pin Configuration registers have a common bit structure, as shown below. Ports 1 and 4 are reset by hardware to
01000X00b. Ports 0, 2, 3, 5 and 6 are reset to 00000X00b (see Table 26 on page 73 for the value of ‘X’).
Power Well:VSB
Location:Index F1h
Type:
Varies per bit
Ports 1 and 4 (With Wake-Up Event Detection Capability)
Ports 0, 2, 3, 5 and 6 (Without Wake-Up Event Detection Capability)
Bit
76543210
Name
Reserved
PORTSEL
Reserved
PINSEL
Reset
00000000
Bit
Description
7
Reserved.
5-4
PORTSEL (Port Select). These bits select the GPIO port to be configured:
000: Port 0 (default)
001 to 110: Binary value of port numbers 1-6, respectively (all other values are reserved)
3
Reserved.
2-0
PINSEL (Pin Select). These bits select the GPIO pin of the selected port, to be configured:
000:
Pin 0 (default)
001 to 111:
Binary value of pin number 1-7, respectively
Bit
76543210
Name
Reserved
EVDBNC
EVPOL
EVTYPE
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
01000
see Table 26
0
0
Bit
76543210
Name
Reserved
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
00000
see Table 26
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com