Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 85Page - National Semiconductor (TI) PC87413 Datasheet HTML 86Page - National Semiconductor (TI) PC87413 Datasheet HTML 87Page - National Semiconductor (TI) PC87413 Datasheet HTML 88Page - National Semiconductor (TI) PC87413 Datasheet HTML 89Page - National Semiconductor (TI) PC87413 Datasheet HTML 90Page - National Semiconductor (TI) PC87413 Datasheet HTML 91Page - National Semiconductor (TI) PC87413 Datasheet HTML 92Page - National Semiconductor (TI) PC87413 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
89
www.national.com
3.16.4
Date-of-Month Alarm Register Offset (DOMAO)
Power Well:VSB
Location:Index F1h
Type:
R/W
3.16.5
Month Alarm Register Offset (MONAO)
Power Well: VSB
Location:
Index F2h
Type: R/W
3.16.6
Century Register Offset (CENO)
Power Well:VSB
Location:Index F3h
Type:
R/W
Bit
76543210
Name
Reserved
DOMAO
Reset
00000000
Bit
Description
7
Reserved.
6-0
DOMAO (Date of Month Alarm Register Offset Value). Sets the offset value of the Date-of-Month Alarm
(DOMA) runtime register.
Bit
76543210
Name
Reserved
MONAO
Reset
00000000
Bit
Description
7
Reserved.
6-0
MONAO (Month Alarm Register Offset Value). Sets the offset value of the Month Alarm (MONA) runtime
register.
Bit
76543210
Name
Reserved
CENO
Reset
00000000
Bit
Description
7
Reserved.
6-0
CENO (Century Register Offset Value). Sets the offset value of the Century (CEN) runtime register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com