Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 35Page - National Semiconductor (TI) PC87413 Datasheet HTML 36Page - National Semiconductor (TI) PC87413 Datasheet HTML 37Page - National Semiconductor (TI) PC87413 Datasheet HTML 38Page - National Semiconductor (TI) PC87413 Datasheet HTML 39Page - National Semiconductor (TI) PC87413 Datasheet HTML 40Page - National Semiconductor (TI) PC87413 Datasheet HTML 41Page - National Semiconductor (TI) PC87413 Datasheet HTML 42Page - National Semiconductor (TI) PC87413 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
39
www.national.com
3.2.2
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 9 shows the LDN val-
ues of the PC8741x functional blocks. Any value not listed is reserved.
Figure 3 shows the structure of the standard configuration register file. The LDN and ServerI/O Configuration registers are
not banked and are accessed by the Index-Data register pair only, as described above. However, the device control and
device configuration registers are duplicated over 10 banks for the 10 logical devices. Therefore, accessing a specific reg-
ister in a specific bank is performed by two-dimensional indexing, where the LDN register selects the bank (or logical device)
and the Index register selects the register within the bank. Accessing the Data register while the Index register holds a value
of 30h or higher actually accesses the configuration registers of the logical device selected by the LDN register and pointed
to by the Index register.
Figure 3. Structure of Standard Configuration Register File
Table 9. Logical Device Number (LDN) Assignments
Write accesses to unimplemented registers (i.e., accessing the Data register while the Index register points to a non-existing
register) are ignored. Read accesses return 00h on all addresses, except for 74h and 75h (DMA configuration registers),
which returns 04h (indicating no DMA channel). The configuration registers are accessible immediately after reset.
LDN
Functional Block
00h
Floppy Disk Controller (FDC)
01h
Parallel Port (PP)
02h
Serial Port 2 (SP2)
03h
Serial Port 1 (SP1)
04h
System Wake-Up Control (SWC)
05h
Keyboard and Mouse Controller (KBC) - Mouse Interface
06h
Keyboard and Mouse Controller (KBC) - Keyboard Interface
07h
General-Purpose I/O (GPIO) Ports
0Fh
X-Bus Extension (PC87416 and PC87417)
10h
Real Time Clock (RTC)
07h
20h
30h
60h
75h
FEh
Logical Device Number Register
ServerI/O Configuration Registers
Logical Device Control Register
Standard Logical Device
Special (Vendor-defined)
Configuration Registers
Banks
2Fh
F0h
Bank Select
63h
74h
70h
71h
Configuration Registers
(One per Logical Device)
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com