Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 60Page - National Semiconductor (TI) PC87413 Datasheet HTML 61Page - National Semiconductor (TI) PC87413 Datasheet HTML 62Page - National Semiconductor (TI) PC87413 Datasheet HTML 63Page - National Semiconductor (TI) PC87413 Datasheet HTML 64Page - National Semiconductor (TI) PC87413 Datasheet HTML 65Page - National Semiconductor (TI) PC87413 Datasheet HTML 66Page - National Semiconductor (TI) PC87413 Datasheet HTML 67Page - National Semiconductor (TI) PC87413 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
64
Revision1.2
3.10.3
Serial Port 2 Configuration Register
This register is reset by hardware to 02h.
Power Well:VDD
Location:Index F0h
Type:
R/W
Bit
76543210
Name
Bank
Select
Enable
Fast
TRI-STATE
Reserved
Busy
Indicator
Power
Mode
Control
TRI-STATE
Control
Reset
00000010
Bit
Description
7
Bank Select Enable. Enables bank switching for Serial Port 2.
0: All attempts to access the extended registers in Serial Port 2 are ignored (default)
1: Enables bank switching for Serial Port 2
6
Fast TRI-STATE. When set, the logical device output pins are in TRI-STATE and the input pins are internally
held at inactive level (high), regardless of the device activation (Activation bit - Section 3.3.1 on page 43;
SER2DIS - Section 3.7.7 on page 54; GLOBEN - Section 3.7.2 on page 49; SER2DIS - Section 9.3.8 on
page 185; SER2ALOK - Section 6.3.7 on page 132; SER2DIS - Section 6.3.5 on page 130).
0: Device pins active (default)
1: Device pins disabled
5-3
Reserved.
2
Busy Indicator. This read only bit can be used by power management software to decide when to power-down
the Serial Port 2 logical device.
0: No transfer in progress (default)
1: Transfer in progress
1
Power Mode Control. When the logical device is active in:
0: Low-Power mode
Serial Port 2 clock disabled. The output signals are set to their default states. The RI input signal can be pro-
grammed to generate an interrupt. Registers are maintained (unlike Active bit in index 30 that also prevents
access to Serial Port 2 registers).
1: Normal Power mode
Serial Port 2 clock enabled. Serial Port 2 is functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive (see Section 3.3.1 on page 43), the logical device
output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com