Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 65Page - National Semiconductor (TI) PC87413 Datasheet HTML 66Page - National Semiconductor (TI) PC87413 Datasheet HTML 67Page - National Semiconductor (TI) PC87413 Datasheet HTML 68Page - National Semiconductor (TI) PC87413 Datasheet HTML 69Page - National Semiconductor (TI) PC87413 Datasheet HTML 70Page - National Semiconductor (TI) PC87413 Datasheet HTML 71Page - National Semiconductor (TI) PC87413 Datasheet HTML 72Page - National Semiconductor (TI) PC87413 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
69
www.national.com
3.13.3
KBC Configuration Register
This register is reset by hardware to 40h.
Power Well:VDD
Location:Index F0h
Type:
R/W
Usage Hints:
1. To change the clock frequency of the KBC:
a. Disable the KBC logical devices.
b. Change the frequency setting.
c. Enable the KBC logical devices.
2. Before swapping between the Keyboard and Mouse Interface pins, disable the KBC logical devices and both pin sets.
After swapping, the software must issue a synchronization command to the Keyboard and Mouse through the KBC to
regain synchronization with these devices.
Bit
76543210
Name
KBC Clock Source
Reserved
Swap
Reserved
TRI-STATE
Control
Reset
01000000
Required
0
Bit
Description
7-6
KBC Clock Source. The clock source can be changed only when the KBC is inactive (disabled).
Bits
7 6
Source
0 0:
8 MHz
0 1:
12 MHz (default)
1 0:
16 MHz
1 1:
Reserved
5-4
Reserved.
3
Swap. This bit swaps between the Keyboard and Mouse Interface pins.
0: KBCLK and KBDAT are Keyboard Interface; MCLK and MDAT are Mouse Interface (default)
1: KBCLK and KBDAT are Mouse Interface; MCLK and MDAT are Keyboard Interface
2-1
Reserved.
0
TRI-STATE Control. If the keyboard is inactive (see Section 3.3.1 on page 43) when this bit is set, the KBD pins
(KBCLK and KBDAT) are in TRI-STATE. If the mouse is inactive (see Section 3.3.1 on page 43) when this bit is set,
the mouse pins (MCLK and MDAT) are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com