Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 80Page - National Semiconductor (TI) PC87413 Datasheet HTML 81Page - National Semiconductor (TI) PC87413 Datasheet HTML 82Page - National Semiconductor (TI) PC87413 Datasheet HTML 83Page - National Semiconductor (TI) PC87413 Datasheet HTML 84Page - National Semiconductor (TI) PC87413 Datasheet HTML 85Page - National Semiconductor (TI) PC87413 Datasheet HTML 86Page - National Semiconductor (TI) PC87413 Datasheet HTML 87Page - National Semiconductor (TI) PC87413 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
84
Revision1.2
3.15.12 X-Bus Memory Configuration Register 2 (XMEMCNF2)
This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F8h
Type:
Varies per bit
Bit
76543210
Name
LOCKMMP
Reserved
SEL2UDM
SEL2BIOS
BIOSIZE
Reset
00000000
Bit
Description
7
LOCKMMP (Lock Memory Address Map). When set to 1, this bit locks the configuration of registers
XMEMCNF1, XMEMCNF2, XMEMBAH, XMEMBAL and XMEMSIZE by disabling writing to all their bits
(including to the LOCKMAP bit itself). Once set, this bit can be cleared either by VDD Power-Up reset (or
Hardware reset) or by VSB Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register (see
Section 6.3.4 on page 128). In addition, this bit is cleared by setting the UNLOCKX bit in the ACBLKCTL register
(PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-5
Reserved.
4
SEL2UDM (Dual User-Defined Memory Select Enable). Enables the PC8741x device to control two memory
devices for data storage. The second zone (MEM Zone 1) is mapped on top of the first zone (MEM Zone 0).
Both zones are the same size. The base address of MEM Zone 0 is specified by the XMEMBAH and XMEMBAL
registers. The size of both memory zones is specified by the XMEMSIZE register. The base address of MEM
Zone 1 is: (Base Address Memory Zone) + (Size Memory Zone).
0: Disabled - Use only MEM Zone 0, if enabled (default)
1: Enabled - If the user-defined memory is enabled, use both MEM Zone 0 and MEM Zone 1
3
SEL2BIOS (Dual BIOS Select Enable). Enables the PC8741x device to control two flash devices for BIOS
storage. The first device (BIOS Zone 0) is used for legacy and the upper 386 zone. BIOS zone 1 is on the next
“BIOS Size” block in the 386 address range (addresses lower than these of Block 1). When FWH is enabled,
BIOS Zone 0 responds to the upper addresses and BIOS Zone 1, if enabled, responds to the group below Zone
0, as defined by BIOS Size. Both zones use the same FWHID value.
0: Disabled - Use BIOS Zone 0 only, if enabled (default)
1: Enabled - If either the LPC BIOS or the FWH BIOS is enabled, use both BIOS Zone 0 and BIOS Zone 1
2-0
BIOSIZE (BIOS Size). Define the Size of one BIOS Zone in the 386 range. Note that by setting the Dual BIOS
Select Enable, two equal-sized BIOS Zones are available.
Bits
2 1 0
Size (Bytes)
0 0 0:
256 Kbytes (default)
0 0 1:
512 Kbytes
0 1 0:
1 Mbyte
0 1 1:
2 Mbytes
1 0 0:
4 Mbytes
1 0 1:
8 Mbytes
1 1 0:
16 Mbytes
1 1 1:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com