Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 26Page - National Semiconductor (TI) PC87413 Datasheet HTML 27Page - National Semiconductor (TI) PC87413 Datasheet HTML 28Page - National Semiconductor (TI) PC87413 Datasheet HTML 29Page - National Semiconductor (TI) PC87413 Datasheet HTML 30Page - National Semiconductor (TI) PC87413 Datasheet HTML 31Page - National Semiconductor (TI) PC87413 Datasheet HTML 32Page - National Semiconductor (TI) PC87413 Datasheet HTML 33Page - National Semiconductor (TI) PC87413 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
30
Revision1.2
1.4.12
Power and Ground
1.5
INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 3 have internal pull-up (PU) and/or pull-down (PD) resistors. The internal resistors are optional
for those signals indicated as “Programmable”. See Section 11.3 on page 236 for the values of each resistor type.
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description
VSS
11, 43, 68,
93, 115
I
GND
Ground. Serves for both on-chip logic, output drivers and back-
up battery circuit.
VDD
69, 92,
116
I
PWR
Digital 3.3V Power Supply. Serves as power supply for the
legacy peripherals and the LPC Interface.
VSB
12, 40
I
PWR
Standby Digital 3.3V Power Supply. Used for the ACB and
X-Bus Interfaces, the GPIO ports and the clock generator. When
active, it also powers the RTC and the SWC.
VBAT
41
I
INULR
Battery Power Supply. When VSB is off, this supply provides
battery back-up to the SWC registers, to the RTC and to the
32 KHz crystal oscillator. The pin is connected to the internal
logic through a series resistor for UL-compliant protection.
Table 3. Internal Pull-Up and Pull-Down Resistors
Signal
Pin/s
Type
Comments
Parallel Port
ACK
78
PU220
AFD_DSTRB
90
PU440
BUSY_WAIT
77
PD120
ERR
88
PU220
INIT
86
PU440
PE
76
PU220/
PD110
Programmable
SLCT
75
PD110
SLIN_ASTRB
84
PU440
STB_WRITE
91
PU440
PPDIS
121
PU25
Keyboard and Mouse Controller (KBC)
P12, P16, P17
121, 70, 66
PU25
ACCESS.bus (ACB) Interface (PC87413 and PC87417)
ACBCLK
47
PU25
Programmable1
ACBDAT
46
PU25
Programmable1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com