Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 95Page - National Semiconductor (TI) PC87413 Datasheet HTML 96Page - National Semiconductor (TI) PC87413 Datasheet HTML 97Page - National Semiconductor (TI) PC87413 Datasheet HTML 98Page - National Semiconductor (TI) PC87413 Datasheet HTML 99Page - National Semiconductor (TI) PC87413 Datasheet HTML 100Page - National Semiconductor (TI) PC87413 Datasheet HTML 101Page - National Semiconductor (TI) PC87413 Datasheet HTML 102Page - National Semiconductor (TI) PC87413 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
99
www.national.com
5.2.7
Mode 0, Normal Address, Turbo X-Bus Transactions
The read and write transactions in Normal Address, Turbo X-Bus transactions provide a lower access time than those in
Mode 0, Normal Address, Fast X-Bus transactions. Because Normal Address, Turbo X-Bus transactions have seven fewer
cycles than Normal Address, Fast X-Bus transactions, they efficiently access very fast devices. This mode is selected for trans-
actions accessing XCSn by setting TRANSMD = 0 in the corresponding XZMn register and TBXCSn = 1 in the XBCNF register.
Read Transactions. When a read cycle on the LPC starts and the relevant XCSn is set to Turbo mode, a Mode 0, Normal
Address, Turbo X-Bus Transaction read cycle begins. A read cycle (Figure 21, below) starts by outputting the address on
address signals XA11-0 on the rising edge of the clock. During this time, the PC8741x device does not drive the data bus
signals XD7-0. One CLK cycle later, a chip-select signal XCSn is asserted. One CLK cycle after that, the XRD signal is as-
serted (set low), indicating a read cycle and enabling the accessed device to drive the data bus. In Turbo X-Bus transactions,
XRDY is ignored. Two CLK cycles later, the input data XD7-0 is sampled on the rising edge of the clock. One CLK cycle after
that, XRD is de-asserted (set high) and one CLK cycle later, the transaction is completed by de-asserting XCSn. The ad-
dress is retained for one more CLK cycle, after which the address lines are driven to 0.
Figure 19. Mode 0, Normal Address, Turbo X-Bus Transaction - Read Access Cycle
Write Transactions. When a write cycle on the LPC starts and the relevant XCSn is set to Turbo mode, a Mode 0, Normal
Address, Turbo X-Bus Transaction write cycle begins. A write cycle (Figure 22, below) starts by outputting the address on
address signals XA11-0 and the data signals on data pins XD7-0 on the rising edge of the clock. One CLK cycle later, a chip-
select signal XCSn is asserted. One CLK cycle after that, the XWR signal is asserted (set low), indicating a write cycle and
enabling the accessed device to be written. In Turbo X-Bus transactions, XRDY is ignored. Three CLK cycles later, XWR is
de-asserted (set high) and one CLK cycle after that, the transaction is completed by de-asserting XCSn and floating the data
bus signals XD7-0. One CLK cycle later, the address lines are driven to 0.
Figure 20. Mode 0, Normal Address, Turbo X-Bus Transaction - Write Access Cycle
CLK
(Internal; for
XD7-0
XA11-0
XCSn
XWR_XRW
XRD_XEN
XD7-0
(Data Read)
Reference Only)
CLK
(Internal; for
XD7-0
XA11-0
XCSn
XWR_XRW
XRD_XEN
Reference Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com