Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 41Page - National Semiconductor (TI) PC87413 Datasheet HTML 42Page - National Semiconductor (TI) PC87413 Datasheet HTML 43Page - National Semiconductor (TI) PC87413 Datasheet HTML 44Page - National Semiconductor (TI) PC87413 Datasheet HTML 45Page - National Semiconductor (TI) PC87413 Datasheet HTML 46Page - National Semiconductor (TI) PC87413 Datasheet HTML 47Page - National Semiconductor (TI) PC87413 Datasheet HTML 48Page - National Semiconductor (TI) PC87413 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
45
www.national.com
Figure 5. Module Enable and Access Control
3.4
INTERNAL ADDRESS DECODING
A full 16-bit address decoding is applied when accessing the configuration I/O space as well as the registers of the functional
blocks. However, the number of configurable bits in the base address registers varies for each logical device.
The lower 1, 2, 3, 4 or 5 address bits are decoded in the functional block to determine the offset of the accessed register
within the logical device’s I/O range of 2, 4, 8, 16 or 32 bytes, respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to the logical device. Therefore, the lower bits of the base address
register are forced to 0 (read only), and the base address is forced to be 2, 4, 8, 16 or 32 byte-aligned, according to the size
of the I/O range.
The base address of the FDC, Serial Port 1, Serial Port 2, KBC and RTC are limited to the I/O address range of 00h to 7FXh
only (bits 11-15 are forced to 0). The Parallel Port base address is limited to the I/O address range of 00h to 3F8h. The
addresses of the non-legacy logical devices, including the SWC, GPIO and X-Bus, are configurable within the full 16-bit ad-
dress range (up to FFFXh).
In some special cases, other address bits are used for internal decoding (such as bit 2 in the KBC and bit 10 in the Parallel
Port). The KBC has two I/O base addresses with some implied dependency between them. For more details, see the de-
scription of the base address register for each logical device.
The X-Bus extension (PC87416 and PC87417) serves as a bridge from the LPC to the X-Bus. For module control and se-
curity function registers, the 16-bit base address is applied through the configuration address space. The lower five address
bits are decoded in the X-Bus to access each register. The address ranges in the LPC I/O space and the LPC or FWH mem-
ory space that are bridged to the X-Bus are defined in the configuration section of the X-Bus bridge. The number of address
bits used for this bridge decoding varies according to the specified zones and their sizes. See Sections 3.15.2 and 3.15.3
on pages 75ff. for details of the address range specifications.
Access
Lock
LPC Bus
Fast
Disable
xxxALOK
ACCLCF2 Registers
ACCLCF1,
xxxDIS
Register
ACBFDIS
Fast
Disable
xxxDIS
Register
SIOCF6
Fast
Disable
xxxDIS
Register
SWCFDIS
Global
Enable
GLOBEN
Register
SIOCF1
Activation
Bit
Register
Index 30h
Device Configuration
SWC Module
ACCESS.bus
Interface
01
Registers
Runtime
ACCESS.bus
Module
Enable
Module
(PC87413, PC87417)
(PC87413, PC87417)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com