Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 242Page - National Semiconductor (TI) PC87413 Datasheet HTML 243Page - National Semiconductor (TI) PC87413 Datasheet HTML 244Page - National Semiconductor (TI) PC87413 Datasheet HTML 245Page - National Semiconductor (TI) PC87413 Datasheet HTML 246Page - National Semiconductor (TI) PC87413 Datasheet HTML 247Page - National Semiconductor (TI) PC87413 Datasheet HTML 248Page - National Semiconductor (TI) PC87413 Datasheet HTML 249Page - National Semiconductor (TI) PC87413 Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
246
Revision1.2
11.5.6
ACCESS.bus Timing (PC87413 and PC87417)
Figure 63. ACCESS.bus Signals (ACBCLK and ACBDAT) Rising Time and Falling Time
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC8741x device expects from the system; an “Output” type is a value the
PC8741x device provides to the system.
Min
Max
Unit
tACBR
63
Rise time (ACBCLK and ACBDAT)
Input2
2. Test conditions: RL = 1 KΩ to VSB = 3.3V, CL = 400 pF to GND.
10003
3. Not tested. Guaranteed by design.
ns
tACBF
63
Fall time (ACBCLK and ACBDAT)
Input
3003
ns
Output2
2504
4. Not tested. Guaranteed by characterization.
ns
tACBCKL
63
Clock low period (ACBCLK)
Input
4.7
µs
tACBCKH
63
Clock high period (ACBCLK)
Input
4
µs
tACBCY
64
Clock cycle (ACBCLK)
Input
10
µs
tACBDS
64
Data setup time (before clock rising edge)
Input
250
ns
Output2
250
ns
tACBDH
64
Data hold time (after clock falling edge)
Input
0
ns
Output2
300
ns
tACBPS
65
Stop condition setup time (clock before data)
Input
4
µs
tACBSH
65
Start condition hold time (clock after data)
Input
4
µs
tACBBUF
65
Bus free time between Stop and Start
conditions (ACBDAT)
Input
4.7
µs
tACBRS
66
Restart condition setup time (clock before
data)
Input
4.7
µs
tACBRH
66
Restart condition hold time (clock after data)
Input
4
µs
tACBLEX
-
Cumulative clock low extend time from Start
to Stop (ACBCLK)
Output
253
ms
tACBTO
-
Clock low time-out (ACBCLK)
Input
253,5
5. The PC8741x device detects a time-out condition if ACBCLK is held low for more than tACBTO.
ms
Output
353,6
6. On detection of a time-out condition, the PC8741x device resets the ACCESS.bus Interface no later than
tACBTO.
ms
tACBR
2.5V
0.4V
tACBF
3.0V
0.4V
2.5V
0.4V
0.4V
tACBCKH
tACBCKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com