Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 253 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 253 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 249Page - National Semiconductor (TI) PC87413 Datasheet HTML 250Page - National Semiconductor (TI) PC87413 Datasheet HTML 251Page - National Semiconductor (TI) PC87413 Datasheet HTML 252Page - National Semiconductor (TI) PC87413 Datasheet HTML 253Page - National Semiconductor (TI) PC87413 Datasheet HTML 254Page - National Semiconductor (TI) PC87413 Datasheet HTML 255Page - National Semiconductor (TI) PC87413 Datasheet HTML 256Page - National Semiconductor (TI) PC87413 Datasheet HTML 257Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 253 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
253
www.national.com
11.5.10 SWC Timing
Inputs at VSB Power Switching
Figure 67. Inputs at VSB Power Switching (No VBAT)
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
67
External Wake-up inputs
valid1
1. Not tested. Guaranteed by design.
At VSB power On, after the
32 KHz clock is stable2
2. No VBAT; the 32 KHz internal clock is stopped while VSB is Off (see Low Frequency Clock Timing on
page 242).
1 s
1.25 s
tPBOP
68
PWBTOUT pulse time1
Resume by SLPS3, SLPS5
after Power Fail
100 ms3,
3. Except when generated by PWBTIN pulse.
100.03 ms
VSB (Power)
RI1, RI2
GPIOE10-17,
tEWIV
GPIOE40-47
KBCLK, MCLK
VSBOFF
VSBON
KBDAT, MDAT
(Internal)
VSB Power-Up Reset
32 KHz Clock
(internal)
t32KW
tIRST
PWBTIN, SLBTIN
XIRQ
SLPS3, SLPS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com