Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 114Page - National Semiconductor (TI) PC87413 Datasheet HTML 115Page - National Semiconductor (TI) PC87413 Datasheet HTML 116Page - National Semiconductor (TI) PC87413 Datasheet HTML 117Page - National Semiconductor (TI) PC87413 Datasheet HTML 118Page - National Semiconductor (TI) PC87413 Datasheet HTML 119Page - National Semiconductor (TI) PC87413 Datasheet HTML 120Page - National Semiconductor (TI) PC87413 Datasheet HTML 121Page - National Semiconductor (TI) PC87413 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
118
Revision1.2
6.2.3
Start and Stop Conditions
The ACCESS.bus master generates Start and Stop Conditions (control codes). After a Start Condition is generated, the bus
remains busy until after a Stop Condition is generated. A high-to-low transition of the data line (ACBDAT) while the clock
(ACBCLK) is high indicates a Start Condition. A low-to-high transition of the ACBDAT line while the ACBCLK is high indi-
cates a Stop Condition (Figure 31).
A transaction begins with a Start Condition and ends with a Stop Condition. However, a Restart Condition can be generated
in the middle of a transaction (without the need for a Stop Condition) in order to change the direction of data transfer (from
address/data write to data read).
Before a Start condition, any changes of the ACBDAT line outside the high period of the ACBCLK are ignored. A Stop con-
dition encountered in mid-transaction on the ACBDAT line aborts the transaction. The PC8741x device releases the ACB-
DAT signal (to high level), thus generating Negative Acknowledge (NACK) cycles (see Section 6.2.4). In addition, the
PC8741x device sets the BUSERR bit in the ACBCST register (see Section 6.3.2 on page 127).
6.2.4
Acknowledge (ACK) Cycle
The ACK cycle involves two signals: the ACK clock pulse, sent by the master after each byte transferred, and the ACK data
signal, sent by the receiving device (see Figure 32).
The master generates the ACK clock pulse on the ninth clock pulse of the byte transfer. The transmitter (master or slave)
releases the ACBDAT line (allows it to go high) to allow the receiver to send the ACK signal. The receiver must pull down
the ACBDAT line during the ACK clock pulse, signalling that it correctly received the previous data byte and is ready to re-
ceive the next byte. If the receiver does not pull the ACBDAT line (leaves it high), the transmitter identifies it as a NACK
condition (see Section 6.2.5). Figure 33 illustrates the ACK cycle.
ACBDAT
ACBCLK
S or R
P
Start or Restart
Condition
Stop
Condition
Figure 31. Start, Restart and Stop Conditions
S
P
Start
Condition
Stop
Condition
ACBDAT
ACBCLK
MSB
ACK
ACK
12 3 - 6
7
8
9
1
2
3 - 8
9
Acknowledge Signal
From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt is Serviced
Figure 32. ACCESS.bus Data Transaction with Acknowledge
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com