Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 159Page - National Semiconductor (TI) PC87413 Datasheet HTML 160Page - National Semiconductor (TI) PC87413 Datasheet HTML 161Page - National Semiconductor (TI) PC87413 Datasheet HTML 162Page - National Semiconductor (TI) PC87413 Datasheet HTML 163Page - National Semiconductor (TI) PC87413 Datasheet HTML 164Page - National Semiconductor (TI) PC87413 Datasheet HTML 165Page - National Semiconductor (TI) PC87413 Datasheet HTML 166Page - National Semiconductor (TI) PC87413 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
163
www.national.com
An active level-type event sets the status bit in registers GPE1_STS_0 for ports GPIOE10-17 and GPE1_STS_1 for ports
GPIOE40-47 (see Sections 9.4.8 and 9.4.9 on pages 209ff.). The status bit remains set even when the event becomes in-
active. The status bit is cleared only when the software writes ‘1’ to the bit. If the event is still active when software writes
‘1’, the status bit remains set.
After changing the GPIOExx pin multiplexing, clear the relevant bits in the GPE1_STS_0 and GPE1_STS_1 registers, to
prevent false events (caused by the pin multiplexing switch) from generating a wake-up event.
Figure 48. GPIO Events
Modem Ring Events
High-to-low transitions on RI1 or RI2 indicate the detection of a ring signal by an external modem connected to Serial Port
1 or Serial Port 2, respectively. The transitions on RI1 and RI2 are detected by the RI Wake-up Detector powered by VSB,
which works independently of the Serial Port 1 or Serial Port 2 modules (powered by VDD).
A detected RI1 or RI2 transition sets the RI1_EVT_STS or RI2_EVT_STS status bits in the GPE1_STS_2 register (see Sec-
tion 9.4.10 on page 210). A status bit is cleared only when the software writes ‘1’ to it.
The transition detection from RI1 and RI2 is enabled (for event generation) 1 second after the VSB power is on. This prevents
the detection of false events during VSB power-On transitions.
Mouse Wake-Up Event
The mouse wake-up event is detected by the Keyboard/Mouse Wake-up Detector, which monitors the MCLK and MDAT sig-
nals. Since the detection mechanisms for keyboard and mouse events are independent, they can be operated simultaneous-
ly. Moreover, the Keyboard signals may be swapped with the Mouse signals by setting the SWAP_KBMS bit in the
SWC_CTL register (see Section 9.3.10 on page 187). This bit must be set to the same value as the Swap bit in the KBC
Configuration register (see Section 3.13.3 on page 69). The Keyboard/Mouse Wake-up Detector is powered by VSB and
works independently of the Keyboard Controller module (powered by VDD).
The mouse event detection mechanism can be programmed to detect either a mouse click or movement, a specific mouse
click (left or right) or a double-click. To program which mouse action causes an event detection, set the MSEVCFG field in
the PS2CTL register (see Section 9.3.17 on page 194) to the required value.
A detected mouse event sets the MS_EVT_STS status bit in the GPE1_STS_2 register (see Section 9.4.10 on page 210).
The status bit is cleared only when the software writes ‘1’ to it.
Event
Enable
Event Polarity
Input
Debouncer
Event
Internal
Bus
0
1
Pin
Write 1 to Clear
Status
GPIO Pin Configuration Register 1
Event
Debounce
Enable
Bit 6
Bit 5
(GPCFG1)
Reset
Set
GPIO Ports Module
Read
GPIO
GPIO
Status
IRQ
SIOSMI
Routing
Control
Status
GPIO
GPIO Ports Module
SWC
SWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com