Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 166Page - National Semiconductor (TI) PC87413 Datasheet HTML 167Page - National Semiconductor (TI) PC87413 Datasheet HTML 168Page - National Semiconductor (TI) PC87413 Datasheet HTML 169Page - National Semiconductor (TI) PC87413 Datasheet HTML 170Page - National Semiconductor (TI) PC87413 Datasheet HTML 171Page - National Semiconductor (TI) PC87413 Datasheet HTML 172Page - National Semiconductor (TI) PC87413 Datasheet HTML 173Page - National Semiconductor (TI) PC87413 Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
170
Revision1.2
the related event generates a wake-up (i.e., it turns the VDD power supply On by setting ONCTL = 0). The ONCTL_EN_S3I
and ONCTL_EN_S45 bits enable or disable wake-up by the event when the PC8741x device is in S3I or in S45 current state,
respectively. Only two events lack a Wake-Up State Enable register (WK_ST_EN). These are:
— The watchdog event (flagged by the WDO_EVT_STS bit): this event does not affect ONCTL generation.
— The Power button event (flagged by either the PWBT_EVT_STS bit or the PWRBTN_STS bit): this event uncondi-
tionally generates a wake-up (sets ONCTL = 0) when the PC8741x device is in S3I or S45 current states.
In addition, in Legacy Power Button mode (LEGACY_PWBT = 1 in the PWONCTL register), all wake-up events are ignored
(regardless of the bit value in their WK_ST_EN register) after the power supply has been turned off (by setting ONCTL = 1)
in response to a Power button event. In this case, the next Power button event unconditionally generates a wake-up (sets
ONCTL = 0).
Optionally, the system ACPI controller can be located in an external device. To select this option, both the EXT_ST_SELECT
bit in the SLP_ST_CFG register (see Section 9.3.31 on page 200) and the EXTSTMUX bit in the SIOCF3 register (see Sec-
tion 3.7.4 on page 51) must be set to ‘1’. In this case, ONCTL is turned On when the SLPS3 signal goes high (the system
is in S0 - S2 states). In this mode, ONCTL is independent of any wake-up event, including the Power button event (flagged
by either the PWBT_EVT_STS bit or the PWRBTN_STS bit).
Any valid wake-up event is disabled from reactivating the VDD power supply (by setting ONCTL = 0) for 1 second after the
power supply has been turned off (by setting ONCTL = 1). This feature protects the power supply from repeated on/off
switching if an event (such as Power button) is active for an extended period of time. If the Keyboard/Mouse Power Control
feature (VDDFELL; see Section 9.2.10 on page 175) is enabled by setting the VDDFLMUX bit to ‘1’ (in the SIOCF2 register;
see Section 3.7.3 on page 50), the Keyboard and Mouse wake-up events are disabled from reactivating the VDD for 2 sec-
onds after the power supply has been turned off (by setting ONCTL = 1).
Figure 50. ONCTL Control
Power Button Output (PWBTOUT)
The PWBTOUT function of the PC8741x device enables the (optional) external ACPI controller to synchronize its operation
to the wake-up events detected by the PC8741x device and to control the VDD power supply.
The Power button input (PWBTIN) is bridged to PWBTOUT regardless of any PC8741x device configuration bits, internal
state or wake-up event. This bridging is also independent of the status of the VDD power supply.
GPE1_STS_0-3
Status
Set
Detected
S3I_
VDD_ON
ONCTL
State S3I
From Other
Enabled Events
State S45
ONCTL_
EN_S45
State S45
ONCTL_
EN_S3I
State S3I
Set
Reset
Off
On
Power Button Override
Crowbar
1 Second
Pulse
Event
(one of 31
EXT_ST_
SELECT
SLPS3
Resume
from
Power Fail
1
0
SLPS5
events)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com