Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 175Page - National Semiconductor (TI) PC87413 Datasheet HTML 176Page - National Semiconductor (TI) PC87413 Datasheet HTML 177Page - National Semiconductor (TI) PC87413 Datasheet HTML 178Page - National Semiconductor (TI) PC87413 Datasheet HTML 179Page - National Semiconductor (TI) PC87413 Datasheet HTML 180Page - National Semiconductor (TI) PC87413 Datasheet HTML 181Page - National Semiconductor (TI) PC87413 Datasheet HTML 182Page - National Semiconductor (TI) PC87413 Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
179
www.national.com
Table 48. Wake-Up Event Select Field Map
WKUPSEL
Wake-Up Event Name
WK_ST_EN Class GPE1_STS_n Bit PM1b_STS_HIGH Bit
Notes
00h
GPIOE10 Event Status
A
GPIOE10_STS
01h
GPIOE11 Event Status
A
GPIOE11_STS
02h
GPIOE12 Event Status
A
GPIOE12_STS
03h
GPIOE13 Event Status
A
GPIOE13_STS
04h
GPIOE14 Event Status
A
GPIOE14_STS
05h
GPIOE15 Event Status
A
GPIOE15_STS
06h
GPIOE16 Event Status
A
GPIOE16_STS
07h
GPIOE17 Event Status
A
GPIOE17_STS
08h
GPIOE40 Event Status
A
GPIOE40_STS
09h
GPIOE41 Event Status
A
GPIOE41_STS
0Ah
GPIOE42 Event Status
A
GPIOE42_STS
0Bh
GPIOE43 Event Status
A
GPIOE43_STS
0Ch
GPIOE44 Event Status
A
GPIOE44_STS
0Dh
GPIOE45 Event Status
A
GPIOE45_STS
0Eh
GPIOE46 Event Status
A
GPIOE46_STS
0Fh
GPIOE47 Event Status
A
GPIOE47_STS
10h
RI1 Event Status
A
RI1_EVT_STS
11h
RI2 Event Status
A
RI2_EVT_STS
12h
Mouse Event Status
A
MS_EVT_STS
13h
Keyboard Event 1 Status
A
KBD_EVT1_STS
14h
Keyboard Event 2 Status
A
KBD_EVT2_STS
15h
Keyboard Event 3 Status
A
KBD_EVT3_STS
16h
Sleep Button Event Status
A
SLBT_EVT_STS
SLPBTN_STS
ORed bits
17h
Reserved
18h
RTC Alarm Event Status
A
RTC_EVT_STS
RTC_STS
ORed bits
19h
Port P12 Event Status
B
P12_EVT_STS
1Ah
Keyboard IRQ Event Status
B
KBD_IRQ_STS
1Bh
Mouse IRQ Event Status
B
MS_IRQ_STS
1Ch
Modules IRQ Event Status
A
MOD_IRQ_STS
1Dh
Reserved
1Eh
Software On Event Status
A
SW_ON_STS
1Fh
Software Off Event Status
A
SW_OFF_STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com