Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 191Page - National Semiconductor (TI) PC87413 Datasheet HTML 192Page - National Semiconductor (TI) PC87413 Datasheet HTML 193Page - National Semiconductor (TI) PC87413 Datasheet HTML 194Page - National Semiconductor (TI) PC87413 Datasheet HTML 195Page - National Semiconductor (TI) PC87413 Datasheet HTML 196Page - National Semiconductor (TI) PC87413 Datasheet HTML 197Page - National Semiconductor (TI) PC87413 Datasheet HTML 198Page - National Semiconductor (TI) PC87413 Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
195
www.national.com
9.3.18
Keyboard Data Shift Register (KDSR)
When keyboard wake-up detection is enabled, this register stores the keyboard data shifted in from the keyboard during
transmission. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 0, Offset 16h
Type:
RO
9.3.19
Mouse Data Shift Register (MDSR)
When mouse wake-up detection is enabled, this register stores the mouse data shifted in from the mouse during
transmission. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 0, Offset 17h
Type:
RO
9.3.20
PS2 Keyboard Key Data 0 to 7 Registers (PS2KEY0 to PS2KEY7)
These eight registers (PS2KEY0-PS2KEY7) store the data bytes for Special Key Sequence or Password mode
(KBDMODE = 0) or for Power Management Key mode (KBDMODE = 1) of the Keyboard/Mouse Wake-up Detector.
In Special Key Sequence or in Password modes, the keyboard data is stored as follows:
q
PS2KEY0 register stores the data byte for the first key in the sequence.
q
PS2KEY1 register stores the data byte for the second key in the sequence.
q
PS2KEY2 - PS2KEY7 registers store data bytes for the third to eighth key in the sequence.
For keyboard data storage in Power Management Key mode, see Section 9.3.16 on page 193.
When one of these registers is set to 00h, it indicates that the value of the corresponding data byte is ignored (not compared).
These registers are reset by hardware to 00h.
Power Well: VPP
Location: Bank 0, Offset 18h to 1Fh
Type:
R/W
Bit
76
5
43210
Name
Keyboard Data
Reset
0
0
0
00000
Bit
Description
7-0
Keyboard Data.
Bit
76
5
43210
Name
Reserved
Mouse Data
Reset
0
0
0
00000
Bit
Description
7-3
Reserved.
2-0
Mouse Data.
Bit
76
5
43210
Name
Data Byte of Key
Reset
0
0
0
00000
Bit
Description
7-0
Data Byte of Key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com