Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 63 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 59Page - STMicroelectronics ADE3700SX Datasheet HTML 60Page - STMicroelectronics ADE3700SX Datasheet HTML 61Page - STMicroelectronics ADE3700SX Datasheet HTML 62Page - STMicroelectronics ADE3700SX Datasheet HTML 63Page - STMicroelectronics ADE3700SX Datasheet HTML 64Page - STMicroelectronics ADE3700SX Datasheet HTML 65Page - STMicroelectronics ADE3700SX Datasheet HTML 66Page - STMicroelectronics ADE3700SX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
63/89
ADE3700
On-Screen Display (OSD)
Character Display
There are two 96-character monochrome fonts and two 32-character four-bit color fonts, a total of
256 characters. The four bits of color are an index into one of two 16 entry color lookup tables.
Entries in the color lookup table specify a 24-bit RGB color. All fonts and the color look-up table are
RAM-based and must be downloaded to the OSD’s internal RAM before use. Font addressing is as
follows: character indexes 0x00-0x1F refer to color font 0, 0x20-0x7F refer to monochrome font 0,
0x80-0x9F refer to color font 1 and 0xA0-0xFF refer to monochrome font 1.
Screen Map
The OSD uses a character map of 15 rows x 30 columns. Each character occupies one byte. The
value of each byte indicates the character to display.
The OSD character map is addressed by specifying the row and column as part of the data transfer.
Attribute Map
The attribute map is defined as 16 rows by 31 columns. It has an extra row and an extra column
compared to the screen map.
The values corresponding to printable row/column addresses provide character attributes. Each
character on the screen has an attribute byte specifying (in the case of monochrome fonts) three
bits of background color, four bits of foreground color, and a blink on/off bit.
Blinking, when enabled, has a period of 100 frames (50 frames on, 50 frames off).
Column 31 of each row contains row attributes. These include the fourth bit of the background color
and two bits controlling double-height and double-width text.
Row 15 contains global attributes, including vertical and horizontal OSD position on the screen,
alpha blending, shadow/bordering, OSD rotation, color map selection, and normal/double size.
Alpha blending allows the OSD display to be mixed with the incoming video signal for transparency
Figure 9: Character Attribute Map
Character Attributes
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
wa
wa
ga
ga
wa
wa = window attributes
ga = global attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com