Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 42 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 38Page - STMicroelectronics ADE3700SX Datasheet HTML 39Page - STMicroelectronics ADE3700SX Datasheet HTML 40Page - STMicroelectronics ADE3700SX Datasheet HTML 41Page - STMicroelectronics ADE3700SX Datasheet HTML 42Page - STMicroelectronics ADE3700SX Datasheet HTML 43Page - STMicroelectronics ADE3700SX Datasheet HTML 44Page - STMicroelectronics ADE3700SX Datasheet HTML 45Page - STMicroelectronics ADE3700SX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
LCD Scaler
ADE3700
42/89
2.10
LCD Scaler
The LCD Scaler module resizes images from one resolution to another. It employs a 3x3 non-
separable scaling filter which performs a dot product of the input pixel values with a weighting
vector that is computed from the chosen filtering function. To sharpen text without introducing
excessive artifacts, the output pixel’s contrast level is adjusted based on the context value
measured over a 3x3 grid in the relevant area of the source image.
For proper scaler operation, the SCLK frequency must be set greater than the max of DCLK and
IN_HPIXEL x DCLK_FREQ / (DEST_HPIXEL x PIXEL_AVG).
DMEAS_SCR_PAD_0
0x0934
R
[7:0]
0x0
Scratch Pad Registers
DMEAS_SCR_PAD_1
0x0916
R/W
[7:0]
DMEAS_SCR_PAD_2
0x0917
R/W
[7:0]
DMEAS_SCR_PAD_3
0x0918
R/W
[7:0]
DMEAS_SCR_PAD_4
0x0919
R/W
[7:0]
DMEAS_SCR_PAD_5
0x091A
R/W
[7:0]
DMEAS_SCR_PAD_6
0x091B
R/W
[7:0]
DMEAS_SCR_PAD_7
0x091C
R/W
[7:0]
DMEAS_SCR_PAD_8
0x091E
R/W
[7:0]
DMEAS_SCR_PAD_9
0x091F
R/W
[7:0]
DMEAS_SCR_PAD_10
0x0920
R/W
[7:0]
DMEAS_SCR_PAD_11
0x0921
R/W
[7:0]
DMEAS_SCR_PAD_12
0x0922
R/W
[7:0]
DMEAS_SCR_PAD_13
0x0923
R/W
[7:0]
DMEAS_SCR_PAD_14
0x0924
R/W
[7:0]
DMEAS_SCR_PAD_15
0x0925
R/W
[7:0]
Table 15: LCD Scaler Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
SCL_SRC_HPIX_L
0x0A01
R/W
[7:0]
0x0
Input Horizontal Resolution
Bits [3:0] must be set to zero.
SCL_SRC_HPIX_H
0x0A02
R/W
[7:0]
SCL_SRC_VPIX_L
0x0A03
R/W
[7:0]
0x0
Input Vertical Resolution
Bits[3:0] must be set to 0.
SCL_SRC_VPIX_H
0x0A04
R/W
[7:0]
SCL_SCALEFACH_L
0x0A05
R/W
[7:0]
0x0
17-bit Horizontal Scale Factor = (in_hpixel
<< 16) / dest_hpixel + 0.5
SCL_SCALEFACH_M
0x0A06
R/W
[7:0]
0x0
SCL_SCALEFACH_H
0x0A07
R/W
[0]
0x0
SCL_SCALEFACV_L
0x0A08
R/W
[7:0]
0x0
16-bit Vertical Scale Factor = (in_vpixel <<
15) / dest_vpixel + 0.5
SCL_SCALEFACV_H
0x0A09
R/W
[7:0]
0x0
Table 14: Data Measurement Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com