Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 70 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 66Page - STMicroelectronics ADE3700SX Datasheet HTML 67Page - STMicroelectronics ADE3700SX Datasheet HTML 68Page - STMicroelectronics ADE3700SX Datasheet HTML 69Page - STMicroelectronics ADE3700SX Datasheet HTML 70Page - STMicroelectronics ADE3700SX Datasheet HTML 71Page - STMicroelectronics ADE3700SX Datasheet HTML 72Page - STMicroelectronics ADE3700SX Datasheet HTML 73Page - STMicroelectronics ADE3700SX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
Gamma
ADE3700
70/89
2.17
Gamma
The Gamma block performs an 8-bit to 10-bit lookup table on the 3 x 8 bits (R, G, B) color data
coming from the LCD Scaler. The lookup table (LUT RAM) contains the corresponding 10-bit output
corrected color for each 8-bit input color.
The RAMs are individually programmable (read and write) using I2C access. The memory map is
as follows:
I2C address 0x1000 to 0x11FF: Red RAM
I2C address 0x1200 to 0x13FF: Green RAM
I2C address 0x1400 to 0x15FF: Blue RAM
Even addresses are the 8-bit LSBs of the 10-bit gamma value. Odd addresses are the 2 MSBs.
FLK_MEAS2_3
0x0CBC
R/W
[7:0]
FLK_MEAS3_0
0x0CBD
R/W
[7:0]
0x0
Score for Pattern 3
FLK_MEAS3_1
0x0CBE
R/W
[7:0]
FLK_MEAS3_2
0x0CBF
R/W
[7:0]
FLK_MEAS3_3
0x0CC0
R/W
[7:0]
FLK_MEAS4_0
0x0CC1
R/W
[7:0]
0x0
Score for Pattern 4
FLK_MEAS4_1
0x0CC2
R/W
[7:0]
FLK_MEAS4_2
0x0CC3
R/W
[7:0]
FLK_MEAS4_3
0x0CC4
R/W
[7:0]
FLK_MEAS5_0
0x0CC5
R/W
[7:0]
0x0
Score for Pattern 5
FLK_MEAS5_1
0x0CC6
R/W
[7:0]
FLK_MEAS5_2
0x0CC7
R/W
[7:0]
FLK_MEAS5_3
0x0CC8
R/W
[7:0]
FLK_MEAS6_1
0x0CC9
R/W
[7:0]
0x0
Score for Pattern 6
FLK_MEAS6_2
0x0CCA
R/W
[7:0]
FLK_MEAS6_3
0x0CCB
R/W
[7:0]
FLK_MEAS6_4
0x0CCC
R/W
[7:0]
FLK_MEAS7_0
0x0CCD
R/W
[7:0]
0x0
Score for Pattern 7
FLK_MEAS7_1
0x0CCE
R/W
[7:0]
FLK_MEAS7_2
0x0CCF
R/W
[7:0]
FLK_MEAS7_3
0x0CD0
R/W
[7:0]
Table 24: Flicker Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com