Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 54 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 50Page - STMicroelectronics ADE3700SX Datasheet HTML 51Page - STMicroelectronics ADE3700SX Datasheet HTML 52Page - STMicroelectronics ADE3700SX Datasheet HTML 53Page - STMicroelectronics ADE3700SX Datasheet HTML 54Page - STMicroelectronics ADE3700SX Datasheet HTML 55Page - STMicroelectronics ADE3700SX Datasheet HTML 56Page - STMicroelectronics ADE3700SX Datasheet HTML 57Page - STMicroelectronics ADE3700SX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
Pattern Generator
ADE3700
54/89
2.13
Pattern Generator
The integrated Pattern Generator gives the ability to display a set of graphic patterns to help
debugging systems and test LCD panels. It is located ahead of the color management block, so all
generated colors are subject to further transforms.
The screen can be split into a programmable grid of up to 8x8 areas. In each of these areas, it is
possible to display one of two independent programmable patterns.
2.13.1 Screen Split
A set of eight Grid registers
grid0 - grid7 with eight bits each represents a block map of the grid of
8x8 blocks. Each bit of the Grid registers represents one rectangular (gridX)x(gridY) block of pixels
which covers the LCD screen display area. Within these registers, a 0 selects Pattern 0 (defined
below) and a 1 selects Pattern 1.
All cells have the same size, defined by one horizontal and one vertical grid block size registers
gridX and gridY.
When the programmed block size is such that the complete 8x8 grid is larger than the total screen
area, only the blocks or part of blocks that are included in the output screen space are rendered.
The 8x8 block set is upper left justified, such that all blocks on the right and bottom sides that are
outside of the total display area are not rendered.
TCON_X_62
0x0BBE
R/W
[7:0]
0x0
input selection for SRTD_31.A
(Refer to Table 18 for definition)
TCON_X_63
0x0BBF
R/W
[7:0]
0x0
input selection for SRTD_31.B
(Refer to Table 18 for definition)
Table 18: Input Selection Values
Value
Description
Value
Description
0x00
0
0x39
2 frame + 2 line + 1 pixel toggle
0x01
1
0x3A
HCOUNT[0]
0x02
External TCON input pin
0x3B
HCOUNT[1]
0x03
I2C SRTD init bit
0x3C
VCOUNT[0]
0x04 - 0x1F
comp0 - comp27
0x3D
VCOUNT[1]
0x20 - 0x37
SRTD8 - SRTD31
0x3E
FCOUNT[0]
0x38
2 frame + 1 line + 2 pixel toggle
0x3F
FCOUNT[1]
Table 17: TCON Registers (Sheet 7 of 7)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com