Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 46 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 42Page - STMicroelectronics ADE3700SX Datasheet HTML 43Page - STMicroelectronics ADE3700SX Datasheet HTML 44Page - STMicroelectronics ADE3700SX Datasheet HTML 45Page - STMicroelectronics ADE3700SX Datasheet HTML 46Page - STMicroelectronics ADE3700SX Datasheet HTML 47Page - STMicroelectronics ADE3700SX Datasheet HTML 48Page - STMicroelectronics ADE3700SX Datasheet HTML 49Page - STMicroelectronics ADE3700SX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Output Sequencer
ADE3700
46/89
alternate output sync pins (AHS, AUS, ADE) for applications that do not require the more
sophisticated timing control provided by the programmable TCON module.
Table 16: Output Sequencer Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
OSQ_CONTROL
0x0BC1
R
[7]
OUT_VMAX detected, sticky bit
R/W
[6]
0x0
OUT_VMAX detect reset
R/W
[5]
0x0
Interlace Enable
R/W
[4]
0x0
Fractional Line Extend
0: +1
1: +2
R/W
[3]
0x0
Frame Lock Reference
0: Last Input Pixel
1: First Input Pixel
R/W
[2]
0x0
Frame Lock Selection
0: Last Line Variable
1: Fixed Line Length
R
[1]
Shutdown ready - current frame has completed,
panel can now be shut down
R/W
[0]
0x0
Run sequencer when 1, otherwise stop at the
end of the frame and set shutdown ready flag
(bit [1])
OSQ_CLOCK_FRAC
0x0BC2
R/W
[7:0]
0x0
The fraction of lines (/256) that are extended
OSQ_OUT_HTOTAL_L
0x0BC3
R/W
[7:0]
0x0
Nominal Output Horizontal Total [7:0]
OSQ_OUT_HTOTAL_H
0x0BC4
[7:4]
Reserved
R/W
[3:0]
0x0
Nominal Output Horizontal Total [11:8]
OSQ_OUT_VTOTAL_MIN_L
0x0BC5
R/W
[7:0]
0x0
minimum output vertical total, used to rearm for
vert_enab trigger [7:0]
OSQ_OUT_VTOTAL_MIN_H
0x0BC6
[7:4]
Reserved
R/W
[3:0]
0x0
Minimum Output Vertical Total, used to rearm
for vert_enab triggers [11:8]
OSQ_VTOTAL_MAX_L
0x0BC7
R/W
[7:0]
0x0
Maximum Output Vertical Total, prevents panel
burn with loss of vert_enab trigger [7:0]
OSQ_VTOTAL_MAX_H
0x0BC8
[7:4]
Reserved
R/W
[3:0]
0x0
Maximum Output Vertical Total, prevents panel
burn with loss of vert_enab triggers [11:8]
OSQ_VERTEN_DLY_E_L
0x0BC9
R/W
[7:0]
0x0
Delay of the VERT_ENAB signal to the reset of
the horizontal and vertical counters, even and
non-interlaced modes [15:0]
OSQ_VERTEN_DLY_E_M
0x0BCA
R/W
[7:0]
0x0
OSQ_VERTEN_DLY_E_H
0x0BCB
[7:4]
Reserved
R/W
[3:0]
0x0
Delay of the VERT_ENAB signal to the reset of
the horizontal and vertical counters, even and
non-interlaced [19:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com