Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 56 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 52Page - STMicroelectronics ADE3700SX Datasheet HTML 53Page - STMicroelectronics ADE3700SX Datasheet HTML 54Page - STMicroelectronics ADE3700SX Datasheet HTML 55Page - STMicroelectronics ADE3700SX Datasheet HTML 56Page - STMicroelectronics ADE3700SX Datasheet HTML 57Page - STMicroelectronics ADE3700SX Datasheet HTML 58Page - STMicroelectronics ADE3700SX Datasheet HTML 59Page - STMicroelectronics ADE3700SX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
Pattern Generator
ADE3700
56/89
PGEN_GRID3
0x0604
R/W
[7:0]
0x0
Grid Row 3
PGEN_GRID4
0x0605
R/W
[7:0]
0x0
Grid Row 4
PGEN_GRID5
0x0606
R/W
[7:0]
0x0
Grid Row 5
PGEN_GRID6
0x0607
R/W
[7:0]
0x0
Grid Row 6
PGEN_GRID7
0x0608
R/W
[7:0]
0x0
Grid Row 7
PGEN_GRID_X_L
0x0609
R/W
[7:0]
0x0
width of a grid block in pixels [7:0]
PGEN_GRID_X_H
0x060A
[7:4]
Reserved
R/W
[3:0]
0x0
width of a grid block in pixels [11:8]
PGEN_GRID_Y_L
0x060B
R/W
[7:0]
0x0
height of a grid block in pixels [7:0]
PGEN_GRID_Y_H
0x060C
[7:4]
Reserved
R/W
[3:0]
0x0
height of a grid block in pixels [11:8]
PGEN_GRID_X_OFFSET_X_L
0x060D
R/W
[7:0]
0x0
grid block horizontal offset in pixels [7:0]
PGEN_GRID_X_OFFSET_X_H
0x060E
[7:4]
Reserved
R/W
[3:0]
0x0
Grid Block Horizontal Offset in pixels [11:8]
PGEN_GRID_Y_OFFSET_Y_L
0x060F
R/W
[7:4]
0x0
Grid Block Vertical Offset in pixels
PGEN_GRID_Y_OFFSET_Y_H
0x0610
R/W
[3:0]
PGEN_P0_MODE
0x0611
R/W
Pattern 0 Control
R/W
[7:5]
0x0
number of bars in C0
R/W
[4:2]
0x0
number of bars in C1
R/W
[1]
0x0
0: pattern continues to progress across
block boundaries
1: block boundaries cause the pattern to
restart
R/W
[0]
0x0
0: normal mode
1: C0 = video bypass
PGEN_P1_MODE
0x0612
Pattern 1 Control
R/W
[7:5]
0x0
number of bars in C0
R/W
[4:2]
0x0
number of bars in C1
R/W
[1]
0x0
0: pattern continues to progress across
block boundaries
1: block boundaries cause the pattern to
restart
R/W
[0]
0x0
0: normal mode
1: C0 = video bypass
PGEN_P0_WIDTH_X_L
0x0613
R/W
[7:0]
0x0
Pattern 0 Bar Width [7:0]
PGEN_P0_WIDTH_X_H
0x0614
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 0 Bar Width [11:8]
PGEN_P0_WIDTH_X_OFFSET_L
0x0615
R/W
[7:0]
0x0
Pattern 0 Horizontal Offset [7:0]
Table 19: PGEN Registers (Sheet 2 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com