Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 32 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 28Page - STMicroelectronics ADE3700SX Datasheet HTML 29Page - STMicroelectronics ADE3700SX Datasheet HTML 30Page - STMicroelectronics ADE3700SX Datasheet HTML 31Page - STMicroelectronics ADE3700SX Datasheet HTML 32Page - STMicroelectronics ADE3700SX Datasheet HTML 33Page - STMicroelectronics ADE3700SX Datasheet HTML 34Page - STMicroelectronics ADE3700SX Datasheet HTML 35Page - STMicroelectronics ADE3700SX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
Sync Multiplexer (SMUX)
ADE3700
32/89
2.7
Sync Multiplexer (SMUX)
The Synchronization Multiplexer (SMUX) selects a set of sync signals from the input sources and
provides them to the scaler. It generates signals that are missing, depending on the capability. The
MCU can select the output sync signals between the input sources and the generated signals.
SMEAS_V_OUTOF_RNG
0x0155
R
[7:0]
0x0
The number of times the XCLKs per vertical
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
SMEAS_H_OUTOF_RNG
0x0156
R
[7:0]
0x0
The number of times the XCLKs per
horizontal reference/meas comparison has
been out of range. Maximum is 240. Clear
by setting SMEAS_CLEAR[1].
SMEAS_HV_OUTOF_RNG
0x0157
R
[7:0]
0x0
The number of times the horizontal per
vertical reference/meas comparison has
been out of range. Maximum is 240. Clear
by setting SMEAS_CLEAR[1].
SMEAS_VHI_OUTOF_RNG
0x0158
R
[7:0]
0x0
The number of times the vertical pulse width
in XCLKs reference/meas comparison has
been out of range. Maximum is 240. Clear
by setting SMEAS_CLEAR[1].
SMEAS_HPOL_OUTOF_RNG
0x0159
R
[7:0]
0x0
The number of times the horizontal polarity
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
SMEAS_VPOL_OUTOF_RNG
0x015A
R
[7:0]
0x0
The number of times the vertical polarity
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
Figure 4: Sync Multiplexer Block Diagram
Table 9: Sync Measurement (Sheet 8 of 8)
Register Name
Addr
Mode
Bits
Default
Description
Output
Signal
Selector
Output
Signals
Signal
Generator
hcount
vcount
Internal
Signal
Selector
H/V
Reference
Signals
Input
Signals
odd
data_valid
hsync_internal
vsync_internal
enab_internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com