Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 86 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 81Page - STMicroelectronics ADE3700SX Datasheet HTML 82Page - STMicroelectronics ADE3700SX Datasheet HTML 83Page - STMicroelectronics ADE3700SX Datasheet HTML 84Page - STMicroelectronics ADE3700SX Datasheet HTML 85Page - STMicroelectronics ADE3700SX Datasheet HTML 86Page - STMicroelectronics ADE3700SX Datasheet HTML 87Page - STMicroelectronics ADE3700SX Datasheet HTML 88Page - STMicroelectronics ADE3700SX Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
Preliminary AC Specifications
ADE3700
86/89
3.5.3
LVTTL 5 Volt Tolerant I/O With Hysteresis
SDA
3.5.4
LVTTL Outputs
OBA[0:7], OGA[0:7], ORA[0:7], OBB[0:7], OGB[0:7], ORB[0:7], OHS, OVS, ODE, OCLK
3.6
Preliminary AC Specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
VHYST
Schmitt Trigger Hysteresis
0.4
V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IIH
High Level Input Current
VIN = VDD
-10
µA
IIL
Low Level Input Current
VIN = 0V
10
µA
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vrsds_diff
RSDS Differential Output Voltage
RSDS mode
100
200
400
mV
Vrsrs_cm
RSDS Common Mode Output
Voltage
680 ohm + 50 ohm external
termination to 1.3V
1.1
1.3
1.5
V
Trise, Tfall
RSDS Transition Time To 90%
CL = 30pF
3
ns
INL
ADC Integral Nonlinearity (9-bit)
1.5
LSB
DNL
ADC Differential Nonlinearity (9-bit)
no missing codes
1.5
LSB
Vadc_in
ADC Input Voltage Range
0.5
1
Vp-p
ENOB
ADC Effective Number Of Bits
135 MSPS
Input = 65 MHz sine at 95% FS
7.5
bits
Radc_in
ADC Input Resistance
200
Kohms
Cadc_in
ADC Input Capacitance
8pF
Fadc
ADC Sample Frequency
20
140
MHz
ADC gain
step
ADC Gain Step Size
0.05
dB
ADC offset
step
ADC Offset Step Size
4mV
Cadc_ext
ADC External AC Coupling Cap
0.1
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com