Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 48 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 44Page - STMicroelectronics ADE3700SX Datasheet HTML 45Page - STMicroelectronics ADE3700SX Datasheet HTML 46Page - STMicroelectronics ADE3700SX Datasheet HTML 47Page - STMicroelectronics ADE3700SX Datasheet HTML 48Page - STMicroelectronics ADE3700SX Datasheet HTML 49Page - STMicroelectronics ADE3700SX Datasheet HTML 50Page - STMicroelectronics ADE3700SX Datasheet HTML 51Page - STMicroelectronics ADE3700SX Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
Timing Controller (TCON)
ADE3700
48/89
2.12
Timing Controller (TCON)
The Output Timing Controller module provides timing for Smart Panel applications and other
applications that are sensitive to output synchronization timing. The timing unit is based on
horizontal and vertical counters, which are locked with the output video stream. A set of
programmable comparators provides all necessary time events to generate the signals for the
driver interface.
Please refer to the Programming Tool User’s Manual and to the “Using TCON Outputs” application
note for more details.
Table 17: TCON Registers (Sheet 1 of 7)
Register Name
Addr.
Mode
Bits
Default
Description
TCON_CONTROL
0x0B00
[7:3]
Reserved
R/W
[2]
0x0
0: no TCON pipe delay matching
1: TCON pipe delay enabled (normal)
R/W
[1]
0x0
Initialize SRTDs
R/W
[0]
0x0
Enable TCON
TCON_COMP_0_L
0x0B10
R/W
[7:0]
0x0
count comparison value [7:0]
TCON_COMP_0_H
0x0B11
R/W
[7:5]
Reserved
R/W
[4]
0: horizontal count compare
1: vertical count compare
R/W
[3:0]
count comparison value [11:8]
TCON_COMP_1_L
0x0B12
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_1_H
0x0B13
R/W
[7:0]
0x0
TCON_COMP_2_L
0x0B14
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_2_H
0x0B15
R/W
[7:0]
0x0
TCON_COMP_3_L
0x0B16
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_3_H
0x0B17
R/W
[7:0]
0x0
TCON_COMP_4_L
0x0B18
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_4_H
0x0B19
R/W
[7:0]
0x0
TCON_COMP_5_L
0x0B1A
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_5_H
0x0B1B
R/W
[7:0]
0x0
TCON_COMP_6_L
0x0B1C
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_6_H
0x0B1D
R/W
[7:0]
0x0
TCON_COMP_7_L
0x0B1E
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_7_H
0x0B1F
R/W
[7:0]
0x0
TCON_COMP_8_L
0x0B20
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_8_H
0x0B21
R/W
[7:0]
0x0
TCON_COMP_9_L
0x0B22
R/W
[7:0]
0x0
Refer to TCON_COMP_0 for definition
TCON_COMP_9_H
0x0B23
R/W
[7:0]
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com