Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 31 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 27Page - STMicroelectronics ADE3700SX Datasheet HTML 28Page - STMicroelectronics ADE3700SX Datasheet HTML 29Page - STMicroelectronics ADE3700SX Datasheet HTML 30Page - STMicroelectronics ADE3700SX Datasheet HTML 31Page - STMicroelectronics ADE3700SX Datasheet HTML 32Page - STMicroelectronics ADE3700SX Datasheet HTML 33Page - STMicroelectronics ADE3700SX Datasheet HTML 34Page - STMicroelectronics ADE3700SX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
31/89
ADE3700
Sync Measurement
SMEAS_STATUS_RANGE
0x0152
R
[7]
0x0
In free-running mode any of the status bits
can change at the end of each
measurement. In one shot mode any of the
status bits can change at the completion of
the measurement. The
MEAS_STICKY_STATUS bit is a bitwise OR
of bits[3:0] (before the bitwise OR, the mask
in SMEAS_STATUS_MASK is AND in) and
is sticky. The only way to reset it is for
software to write a zero into this bit. This bit
goes to the scaler to blank the scaler output.
A write to this reg will reset it to 0.
R
[6]
0x0
Indicates that one of the measured polarities
does not match the reference value.
R
[5]
0x0
Hsync (selected by SMEAS_H_SEL)
polarity.
0: active low
1: active high
R
[4]
0x0
Vsync (selected by SMEAS_V_SEL)
polarity.
0: active low
1: active high
R
[3]
0x0
Indicates that the vertical pulse width
measurement exceeded the reference ±
tolerance range.
R
[2]
0x0
Indicates that the horizontal per vertical
measurement exceeded the reference ±
tolerance range.
R
[1]
0x0
Indicates that the XCLKs per horizontal
measurement exceeded the reference ±
tolerance range.
R
[0]
0x0
Indicates that the XCLKs per vertical
measurement exceeded the reference ±
tolerance range.
SMEAS_MEAS_POLLING
0x0153
[7:2]
0x0
Reserved
R
[1]
0x0
Toggle on h meas free-running mode, at end
of each meas. No function on one-shot
mode.
R
[0]
0x0
Toggle on v meas free-running mode, at end
of each meas. No function on one-shot
mode.
SMEAS_SKEW_STATUS
0x0154
[7:2]
0x0
Reserved
R
[1]
0x0
0: hsync to vsync skew above threshold
1: hsync to vsync skew below threshold
R
[0]
0x0
0: skew measurement running
1: skew measurement finished
Table 9: Sync Measurement (Sheet 7 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com