Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 77 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 73Page - STMicroelectronics ADE3700SX Datasheet HTML 74Page - STMicroelectronics ADE3700SX Datasheet HTML 75Page - STMicroelectronics ADE3700SX Datasheet HTML 76Page - STMicroelectronics ADE3700SX Datasheet HTML 77Page - STMicroelectronics ADE3700SX Datasheet HTML 78Page - STMicroelectronics ADE3700SX Datasheet HTML 79Page - STMicroelectronics ADE3700SX Datasheet HTML 80Page - STMicroelectronics ADE3700SX Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
77/89
ADE3700
Output Multiplexer
Note:
hsync_o is the positive clock signal according to the RSDS definition.
2.19.3 Per Pin Delay
Each of the 60 outputs has a per pin programmable delay. The delay is calibrated on the fly to the
XCLK period, which is assumed to be 37ns. Each pin can be delayed by up to 6ns in 0.4ns
increments. Code 0x0 is the least delay, code 0xF is the maximum delay. The setting is accurate to
±0.8ns across PVT. The calibration and resetting is done once per frame after the falling edge of
vertical enable to prevent glitches from delay mux changes in the active data period. The delays are
active in RSDS and normal output modes if enabled in the OUT_MUX_CTRL2 register.
t+2
0
1
bit from 2n
!bit from 2n
t+3
1
0
bit from 2n+1
!bit from 2n+1
Table 32: Output Mux Registers (Sheet 1 of 4)
Register Name
Addr
Mode
Bits
Default
Description
OMUX_CTRL_0
0x0C30
R/W
[7]
0x0
in 2 ppc,
0: data invert for A+B comb.
1: data invert A/B separate
R/W
[6:4]
0x0
0x0 - 0x4: right shift per 8-bit R/G/B
0x5 - 0x7: Reserved
R/W
[3]
0x0
0: normal
1: flip msbs to lsbs
R/W
[2]
0x0
0: normal
1: swap R and B data
R/W
[1]
0x0
0: in 1 ppc, A channel active
0: in 2 ppc, Left on A, Right on B
1: in 1 ppc, B channel active
1: 2ppc, Left on B, Right on A
R/W
[0]
0x0
0: single wide, one pix/clk (ppc)
1: double wide, two pix/clk
OMUX_CTRL_1
0x0C31
R/W
[7]
0x0
Vsync Output Polarity
R/W
[6]
0x0
Hsync Output Polarity
R/W
[5]
0x0
Data Enable Output Polarity
R/W
[4]
0x0
Clock Output Invert
R/W
[3]
0x0
Data Invert Output Polarity
R/W
[2]
0x0
Data Invert Enable
R/W
[1]
0x0
0: TCON outputs set to zero
1: TCON outputs active
R/W
[0]
0x0
0: all data outputs set to zero
1: output enabled
Table 31: RSDS Mode Specifications (Continued)
RSDS Time
clk_o
hsync_o
o[r,g,b][a,b](2n)
o[r,g,b][a,b](2n+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com