Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 81 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 77Page - STMicroelectronics ADE3700SX Datasheet HTML 78Page - STMicroelectronics ADE3700SX Datasheet HTML 79Page - STMicroelectronics ADE3700SX Datasheet HTML 80Page - STMicroelectronics ADE3700SX Datasheet HTML 81Page - STMicroelectronics ADE3700SX Datasheet HTML 82Page - STMicroelectronics ADE3700SX Datasheet HTML 83Page - STMicroelectronics ADE3700SX Datasheet HTML 84Page - STMicroelectronics ADE3700SX Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
81/89
ADE3700
DFT Block
2.21
DFT Block
PWM_CTRL1
0x01A1
R/W
[7:4]
0x0
Lock 2
nd order gain (power of 2)
0x0 = max
0x3 = typical
0xF = min.
R/W
[3:0]
0x0
Lock gain (power of 2)
0x0 = max
0x6 = typical
0xF = min.
PWM_PERIOD_L
0x01A2
R/W
[7:0]
0x0
Period-2 in free-running mode, in XCLKs
PWM_PERIOD_H
0x01A3
R/W
[7:0]
PWM_DUTY_L
0x01A4
R/W
[7:0]
0x0
Duty cycle of PWM in XCLKs
PWM_DUTY_H
0x01A5
R/W
[7:0]
PWM_OVERLAP_L
0x01A6
R/W
[7:0]
0x0
Non-overlap of PWMs in XCLKs
PWM_OVERLAP_H
0x01A7
R/W
[7:0]
PWM_STEP_DELAY
0x01A8
R/W
[7:0]
0x0
In smooth change mode, the number of
cycles skipped before the period/duty
registers are incremented/decremented
PWM_CYCLES_PER_FRAME_L
0x01A9
R/W
[7:0]
0x0
The number of cycles per frame in frame
lock mode when not using the internally
generated cycles per frame from a previous
free-running mode
PWM_CYCLES_PER_FRAME_H
0x01AA
R/W
[7:0]
Table 34: DFT Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
DFT_TEST_MODE
0x0F00
[7:4]
Reserved
R/W
[3]
0x0
trigger video bus MFSR
R/W
[2]
0x0
enable output pin MFSR
R/W
[1]
0x0
clear output pin MFSR
R/W
[0]
0x0
output pin test override
DFT_MUX_OUT_MODE
0x0F01
[7:6]
Reserved
R/W
[5:0]
0x0
mux selector for output porta/b and syncs
DFT_FLOP_OUT_MODE
0x0F02
[7:6]
Reserved
R/W
[5:0]
0x0
mux selector for synchronous digital debug
bus
DFT_CLK_0UT_MODE
0x0F03
R/W
[7:6]
0x0
divide-by selector for clocks to OCLK pin
fout = selected clock / (2 ^ value)
R/W
[5:0]
0x0
mux selector for clocks to OCLK pin
DFT_CLK_1_MODE
0x0F04
R/W
[7:6]
0x0
divide-by selector for clocks to CLKOUT
pin
fout = selected clock / (2 ^ value)
Table 33: PWM Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com