Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 40 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 36Page - STMicroelectronics ADE3700SX Datasheet HTML 37Page - STMicroelectronics ADE3700SX Datasheet HTML 38Page - STMicroelectronics ADE3700SX Datasheet HTML 39Page - STMicroelectronics ADE3700SX Datasheet HTML 40Page - STMicroelectronics ADE3700SX Datasheet HTML 41Page - STMicroelectronics ADE3700SX Datasheet HTML 42Page - STMicroelectronics ADE3700SX Datasheet HTML 43Page - STMicroelectronics ADE3700SX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
Data Measurement (DMEAS)
ADE3700
40/89
2.9.7
DE Size
The DE Size measures the number of INCLKS clock cycles per data enable. It is useful for DVI
inputs to exactly measure the input image horizontal size.
At the end of the measurement (DE falling edge), the measured value is compared to a
programmed expected value ± a programmed threshold. If the expected value is within the
threshold, the DE_size_mismatch flag is not set. If the measured size is outside of the threshold,
the DE_size_mismatch flag is set.
In Free-running mode, the results are updated every line. The DE_size_mismatch flag is set at DE
falling edge and reset at DE rising edge.
In One-shot mode, the results are updated once and stay that way until they are cleared by
software. The DE_size_mismatch flag can only be cleared when the reset flag bit is set by software.
Table 13: DMEAS Output Register Mapping
ALG_SEL = 00
ALG_SEL = 01
ALG_SEL = 10
ALG_SEL = 11
DMEAS_DATA_0
EDGE_OUT[7:0]
MIN_OUT [7:0]
HPOS_MIN [7:0]
DE_SIZE_OUT [7:0]
DMEAS_DATA_1
EDGE_OUT [15:8]
MAX_OUT [7:0]
HPOS_MIN [11:8]
DE_SIZE_OUT [15:8]
DMEAS_DATA_2
EDGE_OUT[23:16]
PCD_OUT [7:0]
HPOS_MAX [7:0]
DE_MISMATCH_FLAG
DMEAS_DATA_3
EDGE_OUT[31:24]
PCD_OUT [15:8]
HPOS_MAX[11:8]
8’h00
DMEAS_DATA_4
PSUM_OUT [7:0]
PCD_OUT [23:16]
VPOS_MIN[7:0]
8’h00
DMEAS_DATA_5
PSUM_OUT[15:8]
8’h00
VPOS_MIN[11:8]
8’h00
DMEAS_DATA_6
PSUM_OUT[23:16]
8’h00
VPOS_MAX[7:0]
8’h00
DMEAS_DATA_7
PSUM_OUT[31:24]
8’h00
VPOS_MAX[11:8]
8’h00
Table 14: Data Measurement Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
DMEAS_AEC_CTRL
0x0900
[7:6]
0x0
color select
00: all
01: red
10: green
11: blue
R/W
[5]
0x0
vsync edge select
0: rising edge
1: falling edge
R/W
[4]
0x0
hsync edge select
0: rising edge
1: falling edge
R/W
[3]
0x0
interlace mode enable
R/W
[2]
0x0
0: use data valid (tv mode only)
1: use data enable for data valid
R/W
[1:0]
0x0
algorithm select
00 = Edge Intensity & Pixel Sum
01 = Min / Max & PCD
10 = H position and V position
11 = DE size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com