Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 30 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 26Page - STMicroelectronics ADE3700SX Datasheet HTML 27Page - STMicroelectronics ADE3700SX Datasheet HTML 28Page - STMicroelectronics ADE3700SX Datasheet HTML 29Page - STMicroelectronics ADE3700SX Datasheet HTML 30Page - STMicroelectronics ADE3700SX Datasheet HTML 31Page - STMicroelectronics ADE3700SX Datasheet HTML 32Page - STMicroelectronics ADE3700SX Datasheet HTML 33Page - STMicroelectronics ADE3700SX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
Sync Measurement
ADE3700
30/89
SMEAS_HSYNC_VTOL
0x012E
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
Horizontal per vertical tolerance, ± 2n
SMEAS_FILTR_HS_WIDTH
0x012F
R/W
[7:0]
0x1
Refer to register 0x0111
SMEAS_ACT_POLLING
0x013F
[7:1]
0x0
Reserved
R
[0]
0x0
Toggle on activity status update in free-
running mode. No function in one-shot
mode.
SMEAS_ANA_ACT
0x0140
[7:5]
0x0
Reserved
R
[4]
0x0
Composite sync is active
R
[3]
0x0
Vsync from SOG separator is active
R
[2]
0x0
Comp vsync from composite sync separator
is active
R
[1]
0x0
Analog hsync is active
R
[0]
0x0
Analog vsync is active
SMEAS_ANA_STUCK
0x0143
[7:5]
0x0
Reserved
R
[4]
0x0
Comp sync is stuck at 1(high)/0(low)
R
[3]
0x0
Vsync from SOG separator is stuck at
1(high)/0(low)
R
[2]
0x0
Comp vsync from separator is stuck at
1(high)/0(low)
R
[1]
0x0
Analog hsync is stuck at 1(high)/0(low)
R
[0]
0x0
Analog vsync is stuck at 1(high)/0(low)
SMEAS_XK_PER_H_L
0x0146
R
[7:0]
0x0
XCLKs per horizontal event - 1
SMEAS_XK_PER_H_M
0x0147
R
[7:0]
0x0
SMEAS_XK_PER_H_H
0x0148
R
[7:0]
0x0
SMEAS_XK_PER_V_L
0x0149
R
[7:0]
0x0
XCLKs per vertical event - 1
SMEAS_XK_PER_V_M
0x014A
R
[7:0]
0x0
SMEAS_XK_PER_V_H
0x014B
R
[7:0]
0x0
SMEAS_H_PER_V_L
0x014C
R
[7:0]
0x0
Horizontal events per vertical event
SMEAS_H_PER_V_H
0x014D
R
[7:0]
0x0
SMEAS_SK_V_HI_L
0x014E
R
[7:0]
0x0
Vertical high time in XCLKs - 1
SMEAS_SK_V_HI_M
0x014F
R
[7:0]
0x0
SMEAS_SK_V_HI_H
0x0150
R
[7:0]
0x0
SMEAS_TIMEOUT_STATUS
0x0151
[7:2]
0x0
Reserved
R
[1]
0x0
Indicates that the horizontal measurement
timed out.
R
[0]
0x0
Indicates that the vertical measurement
timed out.
Table 9: Sync Measurement (Sheet 6 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com