Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 65 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 61Page - STMicroelectronics ADE3700SX Datasheet HTML 62Page - STMicroelectronics ADE3700SX Datasheet HTML 63Page - STMicroelectronics ADE3700SX Datasheet HTML 64Page - STMicroelectronics ADE3700SX Datasheet HTML 65Page - STMicroelectronics ADE3700SX Datasheet HTML 66Page - STMicroelectronics ADE3700SX Datasheet HTML 67Page - STMicroelectronics ADE3700SX Datasheet HTML 68Page - STMicroelectronics ADE3700SX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
65/89
ADE3700
On-Screen Display (OSD)
Table 21: OSD Access Header Definition
Header Byte
Bits
Description
First
[7:4]
Type of data transfer. Valid values are:
0x8: screen map
0x9: color LUT
0xA: attribute map
0xC: font data
all others: Reserved
[3:0]
For screen map or attribute map access, this is the row index.
For color LUT access, this is the color index.
For font data access, bits [2:0] are the MSB’s of the character index.
Second
[7:6]
Type of data burst:
0x0: A/B modes: Only one data byte follows this header byte.
0x1: C mode: All bytes following this header byte are data bytes until the serial interface
indicates an end-of-transmission. The OSD internally auto-increments after each byte. In
screen and attribute map access modes the column number is incremented after each byte,
wrapping to the beginning of the next row once column 29 is passed and wrapping to row 0 if
row 14 is passed.
Either mode may be used for display and character attribute modes, except for the off-screen
attributes in column 15 and row 30, which must use mode A/B. Font definition mode must use
mode C.
[5]
must be set to zero
[4:0]
In screen and attribute map access modes, this is the column number.
In font data access mode, this gives the 5 lsb’s of the character index.
In color LUT access mode, it selects the table number and color to be written:
0x0: LUT 0, red
0x1: LUT 0, green
0x2: LUT 0, blue
0x3: LUT 1, red
0x4: LUT 1, green
0x5: LUT 1, blue
0x6 - 0x7: Reserved
Table 22: OSD Attribute Map Definition (Sheet 1 of 4)
Row
Column
Bits
Description
15
12
[7:0]
Vertical OSD position / 4
15
13
[7:0]
Horizontal OSD position / 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com