Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 69 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 65Page - STMicroelectronics ADE3700SX Datasheet HTML 66Page - STMicroelectronics ADE3700SX Datasheet HTML 67Page - STMicroelectronics ADE3700SX Datasheet HTML 68Page - STMicroelectronics ADE3700SX Datasheet HTML 69Page - STMicroelectronics ADE3700SX Datasheet HTML 70Page - STMicroelectronics ADE3700SX Datasheet HTML 71Page - STMicroelectronics ADE3700SX Datasheet HTML 72Page - STMicroelectronics ADE3700SX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
69/89
ADE3700
Flicker
Refer to the Flicker Programming Guide for more details.
Table 24: Flicker Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
FLK_CTRL
0x0CA1
R/W
[7:6]
0x0
Reserved
R/W
[5]
0x1
0: straight line uniform function
1: straight line hill function (normal)
R/W
[4]
0x0
0: free-running
1: freeze scores
Set to a 1 when the microcontroller is
reading multibyte scores to prevent update
corruption.
R/W
[2:0]
0x5
horizontal subpixel polarity inversion
pattern of LCD (even/odd pixels)
0x0: -R-G-B / +R+G+B
0x1: -R-G+B / +R+G-B
0x2: -R+G-B / +R-G+B (Default)
0x3: -R+G+B / +R-G-B
0x4: +R-G-B / -R+G+B
0x5: +R-G+B / -R+G-B
0x6: +R+G-B / -R-G+B
0x7: +R+G+B / -R-G-B
FLK_HBLOCK_SIZE
0x0CA2
R/W
[7:4]
[3:0]
0x0
Reserved
width in pixels of the per frame scored area
= 2 ^ (3+ hblock_size)
FLK_FRAME_CNT_MAX
0x0CA3
R/W
[7:0]
0x8
number of frames to complete one
measurement
total number of pixels in a line is:
frame_cnt_max * (2 ^ (3+hblock_size))
example: hblock_size = 4; frame_cnt_max
= 8;
In each frame only one portion of the image
is being scored. The width of that portion is
2 ^ (3 + hblock_size) = 128 pixels and the
height is the full height of the image. Thus
the total scored area after 8 frames is
128*8 = 1024 pixels wide.
FLK_MEAS0_0
0x0CB1
R/W
[7:0]
0x0
Score for Pattern 0
FLK_MEAS0_1
0x0CB2
R/W
[7:0]
FLK_MEAS0_2
0x0CB3
R/W
[7:0]
FLK_MEAS0_3
0x0CB4
R/W
[7:0]
FLK_MEAS1_0
0x0CB5
R/W
[7:0]
0x0
Score for Pattern 1
FLK_MEAS1_1
0x0CB6
R/W
[7:0]
FLK_MEAS1_2
0x0CB7
R/W
[7:0]
FLK_MEAS1_3
0x0CB8
R/W
[7:0]
FLK_MEAS2_0
0x0CB9
R/W
[7:0]
00x
Score for Pattern 2
FLK_MEAS2_1
0x0CBA
R/W
[7:0]
FLK_MEAS2_2
0x0CBB
R/W
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com