Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700SX Datasheet(PDF) 59 Page - STMicroelectronics

Part # ADE3700SX
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700SX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ADE3700SX Datasheet HTML 55Page - STMicroelectronics ADE3700SX Datasheet HTML 56Page - STMicroelectronics ADE3700SX Datasheet HTML 57Page - STMicroelectronics ADE3700SX Datasheet HTML 58Page - STMicroelectronics ADE3700SX Datasheet HTML 59Page - STMicroelectronics ADE3700SX Datasheet HTML 60Page - STMicroelectronics ADE3700SX Datasheet HTML 61Page - STMicroelectronics ADE3700SX Datasheet HTML 62Page - STMicroelectronics ADE3700SX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
59/89
ADE3700
Pattern Generator
PGEN_P1_SEQ_COL6_COL7
0x0640
[7]
Reserved
R/W
[6:4]
0x0
Pattern 1 Bar 7 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 1 Bar 6 Color
PGEN_B_TOP_BOTTOM
0x0641
R/W
[7]
0x0
Top Border Enable
R/W
[6]
0x0
Top Border Red; 0 = Off, 1= On
R/W
[5]
0x0
Top Border Green; 0 = Off, 1= On
R/W
[4]
0x0
Top Border Blue; 0 = Off, 1= On
R/W
[3]
0x0
Bottom Border Enable
R/W
[2]
0x0
Bottom Border Red; 0 = Off, 1= On
R/W
[1]
0x0
Bottom Border Green; 0 = Off, 1= On
R/W
[0]
0x0
Bottom Border Blue; 0 = Off, 1= On
PGEN_B_LEFT_RIGHT
0x0642
R/W
[7]
0x0
Left Border Enable
R/W
[6]
0x0
Left Border Red; 0 = Off, 1= On
R/W
[5]
0x0
Left Border Green; 0 = Off, 1= On
R/W
[4]
0x0
Left Border Blue; 0 = Off, 1= On
R/W
[3]
0x0
Right Border Enable
R/W
[2]
0x0
Right Border Red; 0 = Off, 1= On
R/W
[1]
0x0
Right Border Green; 0 = Off, 1= On
R/W
[0]
0x0
Right Border Blue; 0 = Off, 1= On
PGEN_X_TOTAL_L
0x0643
R/W
[7:0]
0x0
Total Horizontal Size [7:0]
PGEN_X_TOTAL_H
0x0644
[7:4]
Reserved
R/W
[3:0]
0x0
Total Horizontal Size [11:8]
PGEN_Y_TOTAL_L
0x0645
R/W
[7:0]
0x0
Total Vertical Size [7:0]
PGEN_Y_TOTAL_H
0x0646
[7:4]
Reserved
R/W
[3:0]
0x0
Total Vertical Size [11:8]
Table 19: PGEN Registers (Sheet 5 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com